Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTTCC Datasheet(PDF) 1 Page - Central Technologies

Part # CTTCC
Description  Chip Tantalum Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTCC Datasheet(HTML) 1 Page - Central Technologies

  CTTCC Datasheet HTML 1Page - Central Technologies CTTCC Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Tantalum Capacitor
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTTCC Series
CTTCC
1
2
3
4
5
6
A 451 M 016 T
Not shown at actual size.
- Easy installation, economical, high performance.
- Molded case available in six case codes.
- 6 miniature case codes available.
- EIA standard case sizes.
- Compatible with “High Volume” automatic pick and place equipment.
06.02.08
FEATURES
PART NUMBERING
RoHS
Compliant
DIMENSIONS
Code
EIA Code
L±0.20
W±0.20
H±0.20
W1±0.20
A±0.30
S(min.)
A
3216-18
3.20
1.60
1.60
1.20
0.80
1.10
B
3528-21
3.50
2.80
1.90
2.20
0.80
1.40
C
6032-28
6.00
3.20
2.60
2.20
1.30
2.90
D
7343-31
7.30
4.30
2.90
2.40
1.30
4.40
E
7343-43
7.30
4.30
4.10
2.40
1.30
4.40
V
7361-38
7.30
6.10
3.10
1.40
4.40
3.45±0.30
LW
W1
S
AA
H
ORDERING CODE
1. Product Type:
CTTCC SMD Tantalum Chip Capacitor
2. Size Code:
A, B, C, D, E, V.
3. Capacitance:
2 Sig. Digits + Number of Zero, Ex. 105 = 1µF
4. Tolerance:
K = ±10% & M = ±20%
5. Rated Voltage:
2R5 = 2.5V; 010 = 10V; 050 = 50V
6. Packaging:
T = Tape & Reel


Similar Part No. - CTTCC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
RFID Transponder Coils
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
RFID Transponder Coils
CTTCMCF CT-CTTCMCF Datasheet
191Kb / 1P
Common Mode Inductor
REV 07.27.17
CTTCMCF-01 CT-CTTCMCF-01 Datasheet
191Kb / 1P
Common Mode Inductor
REV 07.27.17
CTTCMCF-02 CT-CTTCMCF-02 Datasheet
191Kb / 1P
Common Mode Inductor
REV 07.27.17
More results

Similar Description - CTTCC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
Tantalum Chip Capacitor
logo
AVX Corporation
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
Professional Tantalum Chip Capacitor
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
Solid Tantalum Chip Capacitor
12.22.12
ATCC-211P-016 ABRACON-ATCC-211P-016 Datasheet
2Mb / 4P
Solid Tantalum Chip Capacitor
12.22.12
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com