Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTTCC Datasheet(PDF) 2 Page - Central Technologies

Part # CTTCC
Description  Chip Tantalum Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTCC Datasheet(HTML) 2 Page - Central Technologies

  CTTCC Datasheet HTML 1Page - Central Technologies CTTCC Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Chip Tantalum Capacitor
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Capacitance
Rated Voltage DC (VR) to 85˚C
uF
Code
2.5V
4V
6.3V
10V
16V
20V
25V
35V
50V
0.10
0.15
0.22
104
154
224
A
A
A
A
A/B
A/B
0.33
0.47
0.68
334
474
684
A
A
A
A
A/B
A/B
B
B/C
B/C
1.0
1.5
2.2
105
155
225
A
A
A
A
A
A/B
A
A
A/B
A
A/B
A/B
A/B/C
B/C
B/C
B/C
C/D
C/D
3.3
4.7
6.8
335
475
685
A
A
A
A
A/B
A
A/B
A/B
A/B
A/B
A/B/C
A/B
A/B/C
B/C
A/B/C
B/C
B/C
C/D
C/D
C/D
C/D
D
D
10
15
22
106
156
226
A
A/B
A
A/B
A/B
A/B/C
A/B/C
A/B/C
A/B/C
A/B/C
B/C
B/C/D
B/C
B/C/D
B/C/D
C/D
C/D
C/D
D/E
D/E
E
D/E
E
33
47
68
336
476
686
A
A
A/B
A/B
B/C
A/B/C
B/C/D
B/C/D
B/C/D
B/C/D
C/D
B/C/D
C/D
C/D
C/D
C/D/E
D/E
D/E
D/E
E
100
150
220
107
157
227
B
B/D
B/C
B/C
C/D
B/C/D
C/D
C/D/E
C/D/E
C/D/E
D/E
D/E
D/E/V
D/E/V
D/E/V
E/V
V
330
470
680
337
477
687
D
C/D
D
C/D/E
D/E
D/E
C/D/E
D/E/V
V
D/E/V
E/V
V
E/V
1000
108
D/E
E/V
V
1500
158
E/V
V
* Higher Voltage or Smaller Size substitution is offered upon request.
CTTCC Series
06.02.08
CAPACITANCE & RATED VOLTAGE RANGE
TECHNICAL SPECIFICATIONS
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1uF to 1000uF
Capacitance Tolerance:
±10% ; ±20%
Rated Voltage(VR)
+85°C
2.5
4
6.3
10
16
20
25
35
50
Category Voltage(VC)
+125°C
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage(VS)
+85°C
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage(VS)
+125°C
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability
1% per 1000 hours at 85°C,VR with 0.1 Ω/ VR Series impedance,
60% confidence level
Qualification
CECC 30801 -005 issue 2 ; EIA 535BAAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com