Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS4F-R39K Datasheet(PDF) 1 Page - Central Technologies

Part # CTS4F-R39K
Description  Shielded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS4F-R39K Datasheet(HTML) 1 Page - Central Technologies

  CTS4F-R39K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Inductors - Axial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.14.07
Size
A
B
C
24 AWG
Max.
Max.
Typ.
Nom.
mm
11.4
4.06
29.2
0.511
inches
0.45
0.16
1.15
0.02
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTS4F-R10_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Incr
Number
(µH)
(_Hz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
(mA)
CTS4F-R10_
.10
25M
50
25
400
.02
3000
3000
CTS4F-R12_
.12
25M
50
25
400
.03
2860
2860
CTS4F-R15_
.15
25M
50
25
400
.03
2600
2600
CTS4F-R18_
.18
25M
50
25
400
.04
2300
2300
CTS4F-R22_
.22
25M
50
25
400
.05
2050
2050
CTS4F-R27_
.27
25M
50
25
400
.09
1625
1625
CTS4F-R33_
.33
25M
47
25
325
.12
1400
1400
CTS4F-R39_
.39
25M
47
25
390
.16
1220
1200
CTS4F-R47_
.47
25M
47
25
264
.22
1060
1060
CTS4F-R56_
.56
25M
45
25
249
.29
900
900
CTS4F-R68_
.68
25M
43
25
221
.38
790
790
CTS4F-R82_
.82
25M
41
25
200
.45
725
725
CTS4F-1R0_
1.0
25M
42
25
156
.05
2080
2080
CTS4F-1R2_
1.2
7.9M
43
7.9
144
.07
1840
1840
CTS4F-1R5_
1.5
7.9M
41
7.9
128
.09
1560
1560
CTS4F-1R8_
1.8
7.9M
42
7.9
121
.11
1480
1480
CTS4F-2R2_
2.2
7.9M
42
7.9
108
.14
1290
1290
CTS4F-2R7_
2.7
7.9M
41
7.9
96
.18
1130
1130
CTS4F-3R3_
3.3
7.9M
41
7.9
88
.26
950
950
CTS4F-3R9_
3.9
7.9M
41
7.9
84
.35
815
815
CTS4F-4R7_
4.7
7.9M
42
7.9
72
.47
710
710
CTS4F-5R6_
5.6
7.9M
42
7.9
69
.51
680
680
CTS4F-6R8_
6.8
7.9M
42
7.9
62
.75
560
560
CTS4F-8R2_
8.2
7.9M
46
7.9
58
.83
535
535
CTS4F-100_
10
7.9M
46
7.9
53
1.3
432
432
CTS4F-120_
12
2.5M
50
2.5
47
1.7
368
368
CTS4F-150_
15
2.5M
50
2.5
41
2.3
325
325
CTS4F-180_
18
2.5M
50
2.5
43
.67
596
235
CTS4F-220_
22
2.5M
50
2.5
38
.74
565
220
CTS4F-270_
27
1.0k
50
2.5
36
.85
526
200
CTS4F-330_
33
1.0k
50
2.5
33
.93
505
190
CTS4F-390_
39
1.0k
50
2.5
29
1.3
429
180
CTS4F-470_
47
1.0k
55
2.5
27
1.5
400
175
CTS4F-560_
56
1.0k
55
2.5
25
1.6
380
160
CTS4F-680_
68
1.0k
55
2.5
23
2.2
328
150
CTS4F-820_
82
1.0k
55
2.5
14
1.9
349
140
CTS4F-101_
100
1.0k
65
2.5
12
2.3
322
120
CTS4F-121_
120
1.0k
65
.79
11
2.4
311
95
CTS4F-151_
150
1.0k
65
.79
11
2.8
294
90
CTS4F-181_
180
1.0k
65
.79
10
3.1
277
85
CTS4F-221_
220
1.0k
65
.79
9.4
3.5
251
80
CTS4F-271_
270
1.0k
65
.79
8.0
4.5
231
70
CTS4F-331_
330
1.0k
65
.79
7.3
5.1
215
65
CTS4F-391_
390
1.0k
65
.79
6.9
5.6
205
60
CTS4F-471_
470
1.0k
70
.79
6.5
6.4
192
58
CTS4F-561_
560
1.0k
70
.79
6.0
8.0
174
55
CTS4F-681_
680
1.0k
75
.79
5.6
8.8
163
50
CTS4F-821_
820
1.0k
70
.79
4.8
10
151
45
CTS4F-102_
1000
1.0k
65
.79
4.5
12
139
40
CTS4F-122_
1200
1.0k
70
.25
2.6
15
125
35
CTS4F-152_
1500
1.0k
70
.25
2.5
17
119
33
CTS4F-182_
1800
1.0k
70
.25
2.3
19
111
30
CTS4F-222_
2200
1.0k
70
.25
2.2
22
103
27
CTS4F-272_
2700
1.0k
70
.25
2.1
25
97
25
CTS4F-332_
3300
1.0k
70
.25
2.0
33
85
22
CTS4F-392_
3900
1.0k
70
.25
1.8
37
80
20
CTS4F-472_
4700
1.0k
70
.25
1.7
51
68
19
CTS4F-562_
5600
1.0k
70
.25
1.6
54
66
17
CTS4F-682_
6800
1.0k
70
.25
1.5
62
62
16
CTS4F-822_
8200
1.0k
70
.25
1.4
86
52
15
CTS4F-103_
10000
1.0k
70
.25
1.3
93
50
14
CTS4F-123_
12000
1.0k
50
.25
.88
84
53
13
CTS4F-153_
15000
1.0k
50
.079
.78
97
49
12
CTS4F-183_
18000
1.0k
50
.079
.72
104
48
10
CTS4F-223_
22000
1.0k
50
.079
.57
145
40
9.0
CTS4F-273_
27000
1.0k
50
.079
.46
195
34
8.0
CTS4F-333_
33000
1.0k
50
.079
.42
222
32
7.0
CTS4F-393_
39000
1.0k
50
.079
.42
242
31
6.0
CTS4F-473_
47000
1.0k
50
.079
.37
217
27
5.0
CTS4F-563_
56000
1.0k
50
.079
.36
362
25
5.0
CTS4F-683_
68000
1.0k
50
.079
.34
410
24
4.0
CTS4F-823_
82000
1.0k
50
.079
.33
440
23
3.0
CTS4F-104_
100000
1.0k
50
.079
.32
484
22
3.0
CTS4F-154_
150000
25k
30
.025
.18
560
15
3.0
CTS4F Series
From .10 µH to 150,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded (shielded) inductor
Applications: Used for high reliability applications. Vital for
telecommunication applications. Ideal for various RF applications.
Higher DC current than CTS3 series
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4284A or
HP4285A at specified frequency
Packaging: Tape & Reel, 2,500 parts per reel
Marking: EIA color banded with inductance code or marked with
part value
Material: Molded epoxy resin over the magnetic core for superior
shielding and reliability.
Incremental Current: DC current required to cause a maximum
reduction of 5% in inductance for nominal value of inductance
measured with zero DC current
Shielding: Less than 3% coupling units side by side @ 1 kHz
Miscellaneous: RoHS Compliant. Other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #20F
RoHS
Compliant


Similar Part No. - CTS4F-R39K

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS452 CTMICRO-CTS452 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452T1 CTMICRO-CTS452T1 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452T2 CTMICRO-CTS452T2 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452VT1 CTMICRO-CTS452VT1 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452VT2 CTMICRO-CTS452VT2 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
More results

Similar Description - CTS4F-R39K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com