Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTNLV32F-R10M Datasheet(PDF) 1 Page - Central Technologies

Part # CTNLV32F-R10M
Description  Wire-wound Chip Inductors - Molded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTNLV32F-R10M Datasheet(HTML) 1 Page - Central Technologies

  CTNLV32F-R10M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Molded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.12.08
Size
A
B
C
D
E
Ref.
mm
3.2±0.2
2.5±0.2
2.2±0.2
1.7±0.2
0.7
inches
.13±0.008
.10±0.008
.09±0.008
.07±0.008
0.028
PHYSICAL DIMENSIONS
LAND PATTERN
XXX
C
E
A
B
D
1.6
1.2
1.2
Inductor
Pattern
Unit: mm
L Test
Q
Q Test
SRF
DCR
*Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTNLV32F-R010_
.010
100
15
100
2500
.13
450
CTNLV32F-R012_
.012
100
17
100
2300
.14
450
CTNLV32F-R015_
.015
100
19
100
2100
.16
450
CTNLV32F-R018_
.018
100
21
100
1900
.18
450
CTNLV32F-R022_
.022
100
23
100
1700
.20
450
CTNLV32F-R027_
.027
100
23
100
1500
.22
450
CTNLV32F-R033_
.033
100
25
100
1400
.24
450
CTNLV32F-R039_
.039
100
25
100
1300
.27
450
CTNLV32F-R047_
.047
100
26
100
1200
.30
450
CTNLV32F-R056_
.056
100
26
100
1100
.33
450
CTNLV32F-R068_
.068
100
27
100
1000
.36
450
CTNLV32F-R082_
.082
100
27
100
900
.40
450
CTNLV32F-R10_
.10
100
28
100
700
.44
450
CTNLV32F-R12_
.12
25.2
30
25.2
500
.22
450
CTNLV32F-R15_
.15
25.2
30
25.2
450
.25
450
CTNLV32F-R18_
.18
25.2
30
25.2
400
.28
450
CTNLV32F-R22_
.22
25.2
30
25.2
350
.32
450
CTNLV32F-R27_
.27
25.2
30
25.2
320
.36
450
CTNLV32F-R33_
.33
25.2
30
25.2
300
.40
450
CTNLV32F-R39_
.39
25.2
30
25.2
250
.45
450
CTNLV32F-R47_
.47
25.2
30
25.2
220
.50
450
CTNLV32F-R56_
.56
25.2
30
25.2
180
.55
450
CTNLV32F-R68_
.68
25.2
30
25.2
160
.60
450
CTNLV32F-R82_
.82
25.2
30
25.2
140
.65
450
CTNLV32F-1R0_
1.0
7.96
30
7.96
120
.70
400
CTNLV32F-1R2_
1.2
7.96
30
7.96
100
.75
390
CTNLV32F-1R5_
1.5
7.96
30
7.96
85
.85
370
CTNLV32F-1R8_
1.8
7.96
30
7.96
80
.90
350
CTNLV32F-2R2_
2.2
7.96
30
7.96
75
1.0
320
CTNLV32F-2R7_
2.7
7.96
30
7.96
70
1.1
290
CTNLV32F-3R3_
3.3
7.96
30
7.96
60
1.2
260
CTNLV32F-3R9_
3.9
7.96
30
7.96
55
1.3
250
CTNLV32F-4R7_
4.7
7.96
30
7.96
50
1.5
220
CTNLV32F-5R6_
5.6
7.96
30
7.96
47
1.6
200
CTNLV32F-6R8_
6.8
7.96
30
7.96
43
1.8
180
CTNLV32F-8R2_
8.2
7.96
30
7.96
40
2.0
170
CTNLV32F-100_
10
2.52
30
2.52
36
2.1
150
CTNLV32F-120_
12
2.52
30
2.52
33
2.5
140
CTNLV32F-150_
15
2.52
30
2.52
30
2.8
130
CTNLV32F-180_
18
2.52
30
2.52
27
3.3
120
CTNLV32F-220_
22
2.52
30
2.52
25
3.7
110
CTNLV32F-270_
27
2.52
30
2.52
20
5.0
80
CTNLV32F-330_
33
2.52
30
2.52
17
5.6
70
CTNLV32F-390_
39
2.52
30
2.52
16
6.4
65
CTNLV32F-470_
47
2.52
30
2.52
15
7.0
60
CTNLV32F-560_
56
2.52
30
2.52
13
8.0
55
CTNLV32F-680_
68
2.52
30
2.52
12
9.0
50
CTNLV32F-820_
82
2.52
30
2.52
11
10
45
CTNLV32F-101_
100
.796
20
.796
10
10
40
CTNLV32F-121_
120
.796
20
.796
10
11
70
CTNLV32F-151_
150
.796
20
.796
8.0
15
65
CTNLV32F-181_
180
.796
20
.796
7.0
17
60
CTNLV32F-221_
220
.796
20
.796
7.0
21
50
CTNLV32F-271_
270
.796
20
.796
6.0
28
45
CTNLV32F-331_
330
.796
20
.796
5.0
34
40
CTNLV32F-391_
390
.796
20
.796
5.0
36
35
CTNLV32F-471_
470
.796
20
.796
4.0
40
25
CTNLV32F Series
From .01 µH to 470 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, wire-wound molded chip inductor
Applications: TVs, VCRs, disk drives, computer peripherals,
telecommunication devices and electronic control boards
for automobiles
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on a HP4285A or a
HP4286A at a specified frequency
Packaging: Tape & Reel
Part Marking: Parts marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
SPECIFICATIONS
Please specify tolerance code when ordering.
CTNLV32F-R010_
J = ±5%, K = ±10%, M = ±20%
*Rated DC: Inductance shall be less than 10% of the initial value with current applied.
RoHS
Compliant


Similar Part No. - CTNLV32F-R10M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTNLSC32F CT-CTNLSC32F Datasheet
403Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CTNLV32F-R10M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210 ABRACON-AISM-1210 Datasheet
61Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com