Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-65612 Datasheet(PDF) 1 Page - Central Technologies

Part # CT-65612
Description  Digital Audio Data Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT-65612 Datasheet(HTML) 1 Page - Central Technologies

  CT-65612 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telecommunication Components
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.10.03
ORDERING INFO
Turns
Primary
Isolation
Ratio
Inductance
LL
Rise Time
ET
Voltage
Part Number
(± 5%)
(mH ± 20%)
(µH Max.)
(n sec. Max.)
(V-µsec)
(Vrms)
CT-65612
1:1
2.5
0.50
25
20
2000
Not shown at actual size.
APPLICATIONS
l For use with crystal semiconductor CS8401 & CS8402
l Fast rise time
l Fast rise time compatible with standards
l Through-hole and surface mount packages available
Electrical Specifications @ 25°C
Isolation: 2k Vrms
Transmission Rates: 1 - 7 Mb/s
Bandwidth: 100 kHz to 50 MHz 3dB typ.
Return Loss: 100 kHz to 10 MHz 22dB min.
Common Mode Rejection Ratio:
100 kHz
75dB min.
1 MHz
70dB min.
3 MHz
60dB min.
6 MHz
50dB min.
10MHz
40dB min.
30 MHz
25dB min.
PHYSICAL DIMENSIONS
SCHEMATICS
Digital Audio Data
Transformer


Similar Part No. - CT-65612

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT-65492F CT-CT-65492F Datasheet
455Kb / 2P
ISDN S- Interface 16 Pin DIP
CT-65493F CT-CT-65493F Datasheet
455Kb / 2P
ISDN S- Interface 16 Pin DIP
CT-65495F CT-CT-65495F Datasheet
455Kb / 2P
ISDN S- Interface 16 Pin DIP
CT-65498F CT-CT-65498F Datasheet
455Kb / 2P
ISDN S- Interface 16 Pin DIP
CT-65499F CT-CT-65499F Datasheet
455Kb / 2P
ISDN S- Interface 16 Pin DIP
More results

Similar Description - CT-65612

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-934 RHOMBUS-IND-T-934 Datasheet
23Kb / 1P
Digital Audio Data Transmission Transformer
10/12/96
logo
XFMRS Inc.
XF0033AT-00S XFMRS-XF0033AT-00S Datasheet
43Kb / 1P
TRANSFORMER Digital Audio Data Transmission
logo
Bothhand USA, LP.
S5812 BOTHHAND-S5812 Datasheet
27Kb / 1P
DIGITAL AUDIO DATA TRANSFORMER
S5612A BOTHHAND-S5612A Datasheet
242Kb / 1P
DIGITAL AUDIO DATA TRANSFORMER
S5612M BOTHHAND-S5612M Datasheet
244Kb / 1P
DIGITAL AUDIO DATA TRANSFORMER
S5812 BOTHHAND-S5812_1 Datasheet
78Kb / 1P
DIGITAL AUDIO DATA TRANSFORMER
logo
Rhombus Industries Inc.
T-10347 RHOMBUS-IND-T-10347 Datasheet
29Kb / 1P
Digital Audio Data Transmission Transformer
10/12/96
logo
XFMRS Inc.
XF0033AT XFMRS-XF0033AT Datasheet
44Kb / 1P
TRANSFORMER Digital Audio Data Transmission
XF0033AT-00S XFMRS-XF0033AT-00S Datasheet
74Kb / 1P
TRANSFORMER Digital Audio Data Transmission
XF0033AT-00SM XFMRS-XF0033AT-00SM Datasheet
50Kb / 1P
TRANSFORMER Digital Audio Data Tranmission
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com