Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS1020APFB Datasheet(PDF) 81 Page - Texas Instruments

Part # TAS1020APFB
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020APFB Datasheet(HTML) 81 Page - Texas Instruments

Back Button TAS1020APFB Datasheet HTML 77Page - Texas Instruments TAS1020APFB Datasheet HTML 78Page - Texas Instruments TAS1020APFB Datasheet HTML 79Page - Texas Instruments TAS1020APFB Datasheet HTML 80Page - Texas Instruments TAS1020APFB Datasheet HTML 81Page - Texas Instruments TAS1020APFB Datasheet HTML 82Page - Texas Instruments TAS1020APFB Datasheet HTML 83Page - Texas Instruments TAS1020APFB Datasheet HTML 84Page - Texas Instruments TAS1020APFB Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
A–13
A.4.4.2 USB IN Endpoint – Y Buffer Base Address Byte (IEPBBAYx)
The USB IN endpoint Y buffer base address byte contains the 8-bit value used to specify the base memory location
for the Y data buffer for a particular USB IN endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BBAY10
BBAY9
BBAY8
BBAY7
BBAY6
BBAY5
BBAY4
BBAY3
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
BBAY(10:3)
Y Buffer base address
The Y buffer base address value is set by the MCU to program the base address location in
memory to be used for the Y data buffer. A total of 11 bits is used to specify the base address
location. This byte specifies the most significant 8 bits of the address. All 0s are used by the
hardware for the three least significant bits.
A.4.4.3 USB IN Endpoint – X Buffer Data Count Byte (IEPDCNTXx)
The USB IN endpoint X buffer data count byte contains the 7-bit value used to specify the amount of data received
in a data packet from the host PC. The no acknowledge status bit is also contained in this byte.
Bit
7
6
5
4
3
2
1
0
Mnemonic
NACK
DCNTX6
DCNTX5
DCNTX4
DCNTX3
DCNTX2
DCNTX1
DCNTX0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
NACK
No acknowledge
The no acknowledge status bit is set to a 1 by the UBM at the end of a successful USB IN
transaction to this endpoint to indicate that the USB endpoint X buffer is empty. For control,
interrupt, or bulk endpoints, when this bit is set to a 1, all subsequent transactions to the
endpoint result in a NACK handshake response to the host PC. Also for control, interrupt,
and bulk endpoints to enable this endpoint to transmit another data packet to the host PC,
this bit must be cleared to a 0 by the MCU. For isochronous endpoints, a NACK handshake
response to the host PC is not allowed. Therefore, the UBM ignores this bit in reference to
sending the next data packet. However, the MCU or DMA must clear this bit after writing a
data packet to the buffer.
6:0
DCNTX(6:0)
X Buffer data count
The X buffer data count value is set by the MCU or DMA when a new data packet is written
to the X buffer for the IN endpoint. The 7-bit value is set to the number of bytes in the data
packet for control, interrupt, or bulk endpoint transfers and is set to the number of samples
in the data packet for isochronous endpoint transfers. To determine the number of samples
in the data packet for isochronous transfers, the bytes per sample value in the configuration
byte is used.
A.4.4.4 USB IN Endpoint – X and Y Buffer Size Byte (IEPBSIZx)
The USB IN endpoint X and Y buffer size byte contains the 8-bit value used to specify the size of the two data buffers
to be used for this endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BSIZ7
BSIZ6
BSIZ5
BSIZ4
BSIZ3
BSIZ2
BSIZ1
BSIZ0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
BSIZ(7:0)
Buffer size
For control, interrupt, and bulk transactions, the X and Y buffer size value is set by the MCU
to program the size of the X and Y data packet buffers. Both buffers are programmed to the
same size based on this value. This value should be in 8 byte units. For example, a value of
18h results in the size of the X and Y buffers each being set to 192 bytes. For isochronous
transactions, the buffer size sets the size of the single circular buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com