Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS1020APFB Datasheet(PDF) 86 Page - Texas Instruments

Part # TAS1020APFB
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020APFB Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS1020APFB Datasheet HTML 82Page - Texas Instruments TAS1020APFB Datasheet HTML 83Page - Texas Instruments TAS1020APFB Datasheet HTML 84Page - Texas Instruments TAS1020APFB Datasheet HTML 85Page - Texas Instruments TAS1020APFB Datasheet HTML 86Page - Texas Instruments TAS1020APFB Datasheet HTML 87Page - Texas Instruments TAS1020APFB Datasheet HTML 88Page - Texas Instruments TAS1020APFB Datasheet HTML 89Page - Texas Instruments TAS1020APFB Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
A–18
A.5.1
USB Registers
This section describes the memory-mapped registers used for control and operation of the USB functions. This
section consists of six registers used for USB functions.
A.5.1.1 USB Function Address Register (USBFADR – Address FFFFh)
The USB function address register contains the current setting of the USB device address assigned to the function
by the host. After power-on reset or USB reset, the default address is 00h. During enumeration of the function by the
host, the MCU should load the assigned address to this register when a USB Set_Address request is received by
the control endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
—
FA6
FA5
FA4
FA3
FA2
FA1
FA0
Type
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
—
Reserved
Reserved for future use
6:0
FA(6:0)
Function address
The function address bit values are set by the MCU to program the USB device address assigned
by the host PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com