Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC213 Datasheet(PDF) 13 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TC213 Datasheet HTML 9Page - Texas Instruments TC213 Datasheet HTML 10Page - Texas Instruments TC213 Datasheet HTML 11Page - Texas Instruments TC213 Datasheet HTML 12Page - Texas Instruments TC213 Datasheet HTML 13Page - Texas Instruments TC213 Datasheet HTML 14Page - Texas Instruments TC213 Datasheet HTML 15Page - Texas Instruments TC213 Datasheet HTML 16Page - Texas Instruments TC213 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
2-13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range for ADB, CDB, IDB, TDB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for ABGI, ABGS, IAG, RST1, RST2, SAG, SRG1, SRG2, TRG
–15 V to 15 V
. . . . . . . .
Operating free-air temperature range, TA
–10
°C to 40°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage for ADB, CDB, IDB, TDB
11
12
13
V
Substrate bias voltage
0
V
‡
IAG
High level
1.5
2
2.5
‡
IAG
Low level
–11
–9
‡
SAG
High level
1.5
2
2.5
‡
SAG
Low level
–11
–9
‡
SRG
High level
1.5
2
2.5
‡
SRG
Low level
–11
–9
Input voltage, VI‡
RST1 RST2
High level
1.5
2
2.5
V
I
RST1, RST2
Low level
–11
–9
High level (ABGI only)
5
5.5
6
ABGI, ABGS
Intermediate level§
–1.5
–1. 2
– 0.9
Low level
–7.5
–7
– 6.5
TRG
High level
1.5
2
2.5
TRG
Low level
–11
–9
RST1, RST2, SRG1, SRG2, TRG
10
Clock frequency, fclock
IAG, SAG
1
MHz
ABGI, ABGS
1
Capacitive load
OUT1, OUT2
8
pF
Operating free-air temperature, TA
–10
40
°C
‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for clock voltage
levels.
§ Adjustment is required for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com