Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC213 Datasheet(PDF) 14 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC213 Datasheet HTML 10Page - Texas Instruments TC213 Datasheet HTML 11Page - Texas Instruments TC213 Datasheet HTML 12Page - Texas Instruments TC213 Datasheet HTML 13Page - Texas Instruments TC213 Datasheet HTML 14Page - Texas Instruments TC213 Datasheet HTML 15Page - Texas Instruments TC213 Datasheet HTML 16Page - Texas Instruments TC213 Datasheet HTML 17Page - Texas Instruments TC213 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
2-14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and free-air
temperature
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
60
dB
Charge conversion factor
6
µV/e
Charge transfer efficiency (see Note 3)
0.99990
Signal response delay time,
τ (see Note 4 and Figure 16)
18
20
22
ns
Gamma (see Note 5)
0.89
0.94
0.99
Output resistance
600
800
Ω
Noise voltage
1/f noise (5 kHz)
0.1
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.08
µV/√Hz
Noise equivalent signal
60
electrons
ADB (see Note 6)
20
Rejection ratio at 10 MHz
SRGn (see Note 7)
40
dB
ABGx (see Note 8)
30
Supply current
9
mA
IAG, SAG
15000
Input capacitance Ci
ABGI, ABGS
8000
pF
Input capacitance, Ci
TRG
350
pF
SRG1, SRG2
200
† All typical values are at TA = 25°C.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean noise signal divided by the saturation output signal.
3. Charge transfer efficiency is one minus the charge loss per transfer in the output register (1046 transfers). The test is performed
in the dark using an electrical input signal.
4. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output signal valid state.
5. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer function curve (this
value represents points near saturation):
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
6. ADB rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ADB.
7. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on SRGn.
8. ABGx rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ABGx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com