Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC254P Datasheet(PDF) 2 Page - Texas Instruments

Part # TC254P
Description  336- 횞 244-pixel ccd image sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC254P Datasheet(HTML) 2 Page - Texas Instruments

  TC254P Datasheet HTML 1Page - Texas Instruments TC254P Datasheet HTML 2Page - Texas Instruments TC254P Datasheet HTML 3Page - Texas Instruments TC254P Datasheet HTML 4Page - Texas Instruments TC254P Datasheet HTML 5Page - Texas Instruments TC254P Datasheet HTML 6Page - Texas Instruments TC254P Datasheet HTML 7Page - Texas Instruments TC254P Datasheet HTML 8Page - Texas Instruments TC254P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC254P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS060B – JUNE 1997 – REVISED JULY 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Charge is converted to signal voltage with a 12-
µV per electron conversion factor by a high-performance
charge-detection structure with built-in automatic reset and a voltage reference generator. The signal is buffered
by a low-noise two-stage source-follower amplifier to provide high output-drive capability.
The TC254P is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark current, high photoresponse uniformity, and single-phase clocking. The TC254P is
characterized for operation from –10
°C to 45°C.
functional block diagram
Amplifier
OUT
ADB
IAG2
1
4
SAG
6
IAG1
ABG
7
8
Storage Area
Blooming Protection
Image Area With
Dark Reference Elements
2
SUB
2 Dummy
Elements
3
Serial Register
SRG
5
Clear Line
Clearing Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com