Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC254P Datasheet(PDF) 4 Page - Texas Instruments

Part # TC254P
Description  336- 횞 244-pixel ccd image sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC254P Datasheet(HTML) 4 Page - Texas Instruments

  TC254P Datasheet HTML 1Page - Texas Instruments TC254P Datasheet HTML 2Page - Texas Instruments TC254P Datasheet HTML 3Page - Texas Instruments TC254P Datasheet HTML 4Page - Texas Instruments TC254P Datasheet HTML 5Page - Texas Instruments TC254P Datasheet HTML 6Page - Texas Instruments TC254P Datasheet HTML 7Page - Texas Instruments TC254P Datasheet HTML 8Page - Texas Instruments TC254P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC254P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS060B – JUNE 1997 – REVISED JULY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
The TC254P consists of five basic functional blocks: (1) the image-sensing area, (2) the image-clear line,
(3) the storage area, (4) the serial register, and (5) the charge-detection node and output amplifier.
image-sensing area
Cross sections with potential well diagrams and top views of image-sensing and storage-area elements are
shown in Figure 1 and Figure 2. As light enters the silicon in the image-sensing area, free electrons are
generated and collected in the potential wells of the sensing elements. During this time, the antiblooming gate
is activated by the application of a burst of pulses every horizontal blanking interval. This prevents blooming
caused by the spilling of charge from overexposed elements into neighboring elements. Twelve columns of
shielded-from-light elements on the left edge of the image-sensing area generate the dark reference necessary
in subsequent video processing circuits for restoration of the video-black level. There is also one column of
elements on the right side of the image-sensing area and one line between the image-sensing area and the
image-clearing line.
ABG
IAG
10
µm
Clocked Barrier
Virtual Barrier
Antiblooming Gate
Virtual Well
Clocked Well
Light
Antiblooming
Clocking Levels
Accumulated Charge
10
µm
Figure 1. Charge-Accumulation Process
SAG
Channel Stops
Virtual Phase
Clocked Phase
Figure 2. Charge-Transfer Process
image-clear line
During start-up or electronic-shutter operations, it is necessary to clear the image area of charge without
transferring it to the storage area. In such situations, the two-image area gates are clocked 244 times without
clocking the storage-area gate. The charge in the image area is then cleared through the image-clear line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com