Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC281 Datasheet(PDF) 13 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments TC281 Datasheet HTML 13Page - Texas Instruments TC281 Datasheet HTML 14Page - Texas Instruments TC281 Datasheet HTML 15Page - Texas Instruments TC281 Datasheet HTML 16Page - Texas Instruments TC281 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
NOTES: A. TI recommends designing AC coupled systems.
B. Inputs from user defined timer
C. Decoupling capacitors are not shown
1
2
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
SUB
ODB
IAG
SUB
SAG
SAG
SUB
OUT
ADB
CDB
VGATE
SUB
TDB
IAG
SUB
SUB
SUB
NC
SRG
TRG
VSOURCE
RST
AB_IN
CLR_IN
IAG_IN
SAG_IN
SRG_IN
TRG_IN
ODB
U2
Discrete ODB Driver
U3
U4
U1
IAG
SAG
Discrete Driver
RST_IN
SRG
TRG
RST
VDD
VDD
Discrete Serial Driver
AB
CLR
IAG
SAG
SRG
TRG
RST
ccd ANALOG OUT
(AC Coupled)
1
2
3
Q1
NPN
R2
100
R3
1 k
Ω
C1
R1
100 k
Ω
Figure 11. Typical Application Circuit
Table 1. Supply Voltages for Application Circuits
SUPPLY
VOLTAGE
VDD
12 V
VCC
2 V
VAA
–10 V
VRST
5–8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com