Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC281 Datasheet(PDF) 14 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments TC281 Datasheet HTML 13Page - Texas Instruments TC281 Datasheet HTML 14Page - Texas Instruments TC281 Datasheet HTML 15Page - Texas Instruments TC281 Datasheet HTML 16Page - Texas Instruments TC281 Datasheet HTML 17Page - Texas Instruments TC281 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
NOTES: A. MOSFET driver with a 4A peak current and 2
Ω output resistance (see Figure 14).
B. Image area clear (CLR) is active high while the parallel transfer (AB) is active low. These two pulses will generate the timing
for ODB, as shown in Figure 1.
C. Decoupling capacitors are not shown
+V
IN
U5
NC
+V
P-OUT
4A pk FET Driver
CLR
–V
–V
1
2
3
4
8
7
6
5
N-OUT
R6
0
C3
0.22
µF
0.22
µF
C2
+V
IN
U6
NC
+V
P-OUT
4A pk FET Driver
AB
–V
–V
1
2
3
4
8
7
6
5
N-OUT
R9
10
C5
0.22
µF
0.022
µF
C4
R7
200
K
Ω
R5
1 k
Ω
R4
3.83 k
Ω
R8
3.24 k
Ω
ODB
VDD
VDD
VDD
Figure 12. Typical ODB Driver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com