Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2471 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2471
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2471 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2471 Datasheet HTML 1Page - KR Electronics, Inc. 2471 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S21
LOG
1 dB/
REF 0 dB
CH1
CENTER
70 . 000
000
MHz
SPAN
25 . 000
000
MHz
Cor
CH2
S21
DEL
20 ns/
REF 0 s
CH2
CENTER
70 . 000
000
MHz
SPAN
25 . 000
000
MHz
Cor
6 May 2003 15:46:20
CH1
S21
LOG
5 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
68 . 000
000
MHz
Cor
6 May 2003 15:43:14
KR 2471 70 MHz Bandpass Filter
KR 2471 is a 70 MHz bandpass filter. The filter has a
3 dB bandwidth of 25 MHz and is designed for 50
Ω source and
load impedance. Other center frequencies and bandwidths are
available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 70 MHz Bandpass
• 50 Ω
• SMA Connectors
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude & Group Delay
(1 dB/div & 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(5 dB/div)


Similar Part No. - 2471

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2471 ALPHAWIRE-2471 Datasheet
92Kb / 4P
Customer Specification
1/4/2023
logo
Keystone Electronics Co...
2471 KEYSTONE-2471 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Belden Inc.
2471 BELDEN-2471 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
logo
Heyco.
2471 HEYCO-2471 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2471 ADAFRUIT-2471 Datasheet
202Kb / 3P
Adafruit HUZZAH ESP8266 Breakout
7/16/2015
More results

Similar Description - 2471

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com