Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2383 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2383
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2383 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2383 Datasheet HTML 1Page - KR Electronics, Inc. 2383 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
MEM
log MAG
1 dB/
REF -4 dB
CENTER 158.660 000 MHz
SPAN
8.000 000 MHz
Cor
PRm
15 Jul 2002 13:01:48
CH1
MEM
log MAG
10 dB/
REF -4.5 dB
CENTER 160.000 000 MHz
SPAN 120.000 000 MHz
Cor
PRm
15 Jul 2002 13:03:01
KR 2383 Bandpass Filter
KR 2383 is a 158.66 MHz bandpass filter. The filter has a 8
MHz min 3 dB bandwidth and is designed for 50
Ω source and
load impedance. Other passband frequencies, bandwidths and
impedances are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 158.66 MHz Bandpass
• 50 Ω
• DIP Package
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2383

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2383 POMONA-2383 Datasheet
33Kb / 1P
Miniature Insulating Binding Post With Double Mounting Base
logo
Heyco.
2383 HEYCO-2383 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Santronics Inc
2383 SCS-2383 Datasheet
274Kb / 1P
DUAL CONDUCTOR METAL WRIST STRAP
June 2019
logo
Adafruit Industries
2383 ADAFRUIT-2383 Datasheet
84Kb / 2P
NinjaFlex - 1.75mm Diameter - Almond- Peach Smoothie - 0.50Kg
logo
Keystone Electronics Co...
2383 KEYSTONE-2383 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
More results

Similar Description - 2383

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com