Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAS10-D/T Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HAS10-D/T
Description  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAS10-D/T Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HAS10-D/T Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAS10-D/T Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
2008/03/31
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS
MULTIPLE OUTPUT HAS10G-S &HAS10-D/T SERIES
FEATURES:
CHASSIS-MOUNT AC/DC MODULAR
POWER SUPPLIES
UNIVERSAL AC INPUT RANGE
GREEN POWER DESIGN
MEET UNIVERSAL SAFETY STANDARDS
EMI MEETS CISPR PUB.22/FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: 70-80% typical various with output voltage.
Switching Frequency: 80K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Peak deviation on 70mV,
Recovery time <0.2mSec.@ 25%step load change.
Case: Impact resistant thermo-plastic enclosure.
Safety Standard: EN60950-1/ UL60950-1 Class I.
Power Density: 1.22 Watts. / Cubic inch.
Operating Temperature: 0°C to +50°C range. @ full load
without derating.
From+50°C derating linearly to half load @+70°C
(Refer to the Derating Chart).
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: ±0.03% /°C.
Cooling: Convection cooling for +50°C @ full load.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
(3) Due to requests in market and advances in technology, specifications subject to change without notice.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Frequency: 47-63 Hz. (Nominal 50/60Hz.).
Input Current: 0.16A @115Vac./0.1A @230Vac typical.
Inrush Current: 4.2Arms@230Vac typical.
Input Fuse: Use external fuse.
Dielectric Withstand: Meet IEC60950-1.
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB. 22/FCC Class B.
Hold-up time: Typ. 22.4 mS @115Vac, 130mS @230Vac.
Green Power: 0.25W@132Vac, 0.51W@230Vac for single.
Earth Leakage: Less than 0.16mA @230Vac.
Remote ON/OFF:
ON(Enable)=Open.
OFF(Disable)=Short.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 10 Watts typical.
Line Regulation: Various with output voltage. Typ.±0.1% .
Load Regulation: Various with output voltage.
Main VO1 ± 0.1-2.0% typical.
Aux.VO2 ± 0.7-1.2% typical.
Aux.VO3 ± 0.1% typical.
Total Regulation: 0.1-1.9% typical.
Noise & ripple: 1.0% typical peak to peak.
Typ. 100mV for 3.3V/5v.
OVP: Built-in on main output VO1.
Adjustability: Available at main output VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typical 125-150% of rating output load.
Con2sult the factory for special OLP setting.


Similar Part No. - HAS10-D/T

ManufacturerPart #DatasheetDescription
logo
LEM
HAS100-P LEM-HAS100-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HAS100-P LEM-HAS100-P Datasheet
808Kb / 2P
Current Transducers
HAS100-P LEM-HAS100-P Datasheet
225Kb / 3P
Current Transducer
HAS100-S LEM-HAS100-S Datasheet
48Kb / 2P
Current Transducers HAS 50 to 600-S
HAS100-S LEM-HAS100-S Datasheet
723Kb / 2P
Current Transducer
More results

Similar Description - HAS10-D/T

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HASM10G-S HITRON-HASM10G-S Datasheet
184Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT MEDICAL APPLICATION AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com