Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAS10-D/T Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HAS10-D/T
Description  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAS10-D/T Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HAS10-D/T Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAS10-D/T Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 177.5g (6.26 Oz.)
DERATING CHART
DUAL OUTPUT
VO1 ★@
VO2●
MODEL NO.
TYP.
VOLT.
TYP
VOLT.
HAS10-D050E
1.00A
+5V
1.00A
-5V
HAS10-D050I
1.00A
+5V
0.42A
+12V
HAS10-D120I
0.42A
+12V
0.42A
-12V
HAS10-D150K
0.34A
+15V
0.34A
-15V
HAS10-D033E
1.51A
+3.3V
1.00A
-5V
SINGLE OUTPUT
VO1 ★@
MODEL NO.
TYP.
VOLT.
HAS10G-S033250
2.50A
+3.3V
HAS10G-S050200
2.00A
+5.0V
HAS10G-S090111
1.11A
+9.0V
HAS10G-S120085
0.85A
+12.0V
HAS10G-S150067
0.67A
+15.0V
HAS10G-S240041
0.41A
+24.0V
TRIPLE OUTPUT
VO1 @ ★
VO2 ●
VO3 ●
MODEL NO.
TYP.
VOLT.
TYP.
VOLT.
TYP.
VOLT.
HAS10-T033II
1.51A
+3.3V
0.10A
+12V
0.10A
-12V
HAS10-T050II
1.50A
+5.0V
0.10A
+12V
0.10A
-12V
HAS10-T050KK
1.40A
+5.0V
0.10A
+15V
0.10A
-15V
Symbols: "★" OVP built-in.
"@" Adjustable.
"
●" Installed with Post Regulator (P.R.).
Note: (1) Max. (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can not be drawn from all outputs at the same time.
PIN ASSIGNMENT
PIN
NO.
SINGLE
O/P
DUAL
O/P(-VO2)
DUAL
O/P(+VO2)
TRIPLE
O/P
P1-1
L
L
L
L
P1-3
N
N
N
N
P1-2
G
G
G
G
P2-1
REMOTE
ON/OFF
REMOTE
ON/OFF
REMOTE
ON/OFF
REMOTE
ON/OFF
P2-2
DC COM
VO2
DC COM
+VO1RET
P2-3
DC COM
DC COM
DC COM
+VO1
P2-4
VO1
DC COM
VO1
+VO3
P2-5
VO1
VO1
VO2
DC COM
P2-6
NC
NC
NC
VO2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com