Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC41 Datasheet(PDF) 9 Page - Texas Instruments

Part # THMC41
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC41 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THMC41 Datasheet HTML 5Page - Texas Instruments THMC41 Datasheet HTML 6Page - Texas Instruments THMC41 Datasheet HTML 7Page - Texas Instruments THMC41 Datasheet HTML 8Page - Texas Instruments THMC41 Datasheet HTML 9Page - Texas Instruments THMC41 Datasheet HTML 10Page - Texas Instruments THMC41 Datasheet HTML 11Page - Texas Instruments THMC41 Datasheet HTML 12Page - Texas Instruments THMC41 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
charge pump (CP)
THMC40 and THMC41 have an internal charge pump which utilizes an external reservoir capacitor (CP) to
generate the gate-drive voltage for the VOUT output high-side DMOS transistor (see Figure 3). The
recommended value for CP is 0.1
µF, with a minimum rating of 35 WVdc. The charge pump is disabled during
the sleep state (see the sleep/run state section) to minimize current consumption into VPWR. The charge pump
also incorporates internal undervoltage lockout detection used to disable VOUT when the charge pump voltage
does not have an adequate level above VPWR to fully drive the high-side DMOS gate. Thus, the VCP (UVLO),
in conjunction with the charge pump start-up time, delays the VOUT drive for a short time after the device has
transitioned from sleep to run state, until the charge pump voltage reaches the UVLO threshold.
PWM oscillator/triangle waveform generator (COSC)
The PWM oscillator uses source and sink currents switched into an external capacitor (COSC) to set the PWM
frequency and generate a triangle waveform. A PWM oscillator cycle consists of charging COSC with a constant
current source (–180
µA typical) until the COSC voltage ramps up to an upper threshold (2.3 V typical), and then
discharging COSC with a constant current sink (180 µA typical) until the COSC voltage ramps down to a lower
threshold (0.5 V typical). The charge/discharge cycle is repeated each time the 2.3-V or 0.5-V threshold is
reached (see Figure 5).
V
2.3 V
S
R
Q
Q
VREF
VPWR
COSC
VPWM
2200 pF
PWM
–180
µA
2.3 V
0.5 V
180
µA
Time
0.5 V
0
Q
Q
VCOSC
Figure 5. PWM Triangle Waveform Generator
The following equation can be used to calculate the value of COSC needed for a desired PWM frequency, fPWM:
C
OSC(max) +
I
CHARGE(min)
2
f
PWM(min)
V
DISCHARGE *
V
CHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com