Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC41 Datasheet(PDF) 14 Page - Texas Instruments

Part # THMC41
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC41 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THMC41 Datasheet HTML 9Page - Texas Instruments THMC41 Datasheet HTML 10Page - Texas Instruments THMC41 Datasheet HTML 11Page - Texas Instruments THMC41 Datasheet HTML 12Page - Texas Instruments THMC41 Datasheet HTML 13Page - Texas Instruments THMC41 Datasheet HTML 14Page - Texas Instruments THMC41 Datasheet HTML 15Page - Texas Instruments THMC41 Datasheet HTML 16Page - Texas Instruments THMC41 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
COSC
TACH
CP
VPWR
VOUT
NC
PGND
VPWM
H+
H–
PHA
PHB
AGND
NC
THMC40D
MOTOR
LO
R1
100 k
Ω
L2
L1
HALL
SENSOR
1
2
3
4
5
6
7
14
12
13
11
10
9
8
0.1
µF
C5
10
µF
16 V
GND
Speed Control Input
2200 pF
2
4
3
1
0.1
µF
TACH
+12 V
CR1
1N4002
R2
3.01 k
Ω
C4
0.1
µF
NOTE:
Traces in bold handle highest current.
+
C3
C2
C1
Full Speed Option
Sleep State Option
† Optional resistors control fan operation with open speed control input.
1 – 10 M
Ω†
1 – 10 M
Ω†
‡
‡ An analog ground trace should be connected close to the ground connection of C4 and C5.
Figure 10. THMC40 Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com