Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1206 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS1206
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1206 Datasheet(HTML) 1 Page - Texas Instruments

  THS1206 Datasheet HTML 1Page - Texas Instruments THS1206 Datasheet HTML 2Page - Texas Instruments THS1206 Datasheet HTML 3Page - Texas Instruments THS1206 Datasheet HTML 4Page - Texas Instruments THS1206 Datasheet HTML 5Page - Texas Instruments THS1206 Datasheet HTML 6Page - Texas Instruments THS1206 Datasheet HTML 7Page - Texas Instruments THS1206 Datasheet HTML 8Page - Texas Instruments THS1206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
THS1206
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTERS
SLAS217D – MAY 1999 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D High-Speed 6 MSPS ADC
D 4 Single-Ended or 2 Differential Inputs
D Simultaneous Sampling of 4 Single-Ended
Signals or 2 Differential Signals or
Combination of Both
D Differential Nonlinearity Error: ±1 LSB
D Integral Nonlinearity Error: ±1.5 LSB
D Signal-to-Noise and Distortion Ratio: 68 dB
at fI = 2 MHz
D Auto-Scan Mode for 2, 3, or 4 Inputs
D 3-V or 5-V Digital Interface Compatible
D Low Power: 216 mW Max
D 5-V Analog Single Supply Operation
D Internal Voltage References . . . 50 PPM/°C
and
±5% Accuracy
D Glueless DSP Interface
D Parallel µC/DSP Interface
D Integrated FIFO
D Available in TSSOP Package
applications
D Radar Applications
D Communications
D Control Applications
D High-Speed DSP Front-End
D Automotive Applications
description
The THS1206 is a CMOS, low-power, 12-bit,
6 MSPS analog-to-digital converter (ADC). The
speed, resolution, bandwidth, and single-supply
operation are suited for applications in radar,
imaging, high-speed acquisition, and communications. A multistage pipelined architecture with output error
correction logic provides for no missing codes over the full operating temperature range. Internal control
registers are used to program the ADC into the desired mode. The THS1206 consists of four analog inputs,
which are sampled simultaneously. These inputs can be selected individually and configured to single-ended
or differential inputs. An integrated 16 word deep FIFO allows the storage of data in order to take the load off
of the processor connected to the ADC. Internal reference voltages for the ADC (1.5 V and 3.5 V) are provided.
An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the
application. Two different conversion modes can be selected. In single conversion mode, a single and
simultaneous conversion of up to four inputs can be initiated by using the single conversion start signal
(CONVST). The conversion clock in single conversion mode is generated internally using a clock oscillator
circuit. In continuous conversion mode, an external clock signal is applied to the CONV_CLK input of the
THS1206. The internal clock oscillator is switched off in continuous conversion mode.
The THS1206C is characterized for operation from 0
°C to 70°C, the THS1206I is characterized for operation
from –40
°C to 85°C, the THS1206Q is characterized to meet the rigorous requirements of the automotive
environment from –40
°C to 125°C, and the THS1206M is characterized for operation over the full military
temperature range of –55
°C to 125°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
D0
D1
D2
D3
D4
D5
BVDD
BGND
D6
D7
D8
D9
D10/RA0
D11/RA1
CONV_CLK (CONVST)
DATA_AV
AINP
AINM
BINP
BINM
REFIN
REFOUT
REFP
REFM
AGND
AVDD
CS0
CS1
WR (R/W)
RD
DVDD
DGND
DA PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - THS1206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI2-THS1206 Datasheet
673Kb / 44P
12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS
REVISED JULY 2003
THS1206 TI2-THS1206 Datasheet
687Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
REVISED FEBRUARY 2003
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI-THS1206-EP Datasheet
750Kb / 43P
12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI2-THS1206-EP Datasheet
687Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
REVISED FEBRUARY 2003
More results

Similar Description - THS1206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1207 TI-THS1207 Datasheet
249Kb / 30P
12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206IDAR TI1-THS1206IDAR Datasheet
1Mb / 43P
12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
Simultaneous-Sampling, Analog-to-Digital Converters
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com