Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4001 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4001
Description  270-MHz HIGH-SPEED AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4001 Datasheet(HTML) 1 Page - Texas Instruments

  THS4001 Datasheet HTML 1Page - Texas Instruments THS4001 Datasheet HTML 2Page - Texas Instruments THS4001 Datasheet HTML 3Page - Texas Instruments THS4001 Datasheet HTML 4Page - Texas Instruments THS4001 Datasheet HTML 5Page - Texas Instruments THS4001 Datasheet HTML 6Page - Texas Instruments THS4001 Datasheet HTML 7Page - Texas Instruments THS4001 Datasheet HTML 8Page - Texas Instruments THS4001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very High Speed
– 270 MHz Bandwidth (Gain = 1, – 3 dB)
– 400 V/
µsec Slew Rate
– 40-ns Settling Time (0.1%)
D High Output Drive, IO = 100 mA
D Excellent Video Performance
– 60 MHz Bandwidth (0.1 dB, G = 1)
– 0.04% Differential Gain
– 0.15
° Differential Phase
D Very Low Distortion
– THD = –72 dBc at f = 1 MHz
D Wide Range of Power Supplies
VCC = ± 2.5 V to ± 15 V,
ICC = 7.5 mA
D Evaluation Module Available
description
The THS4001 is a very high-performance,
voltage-feedback operational amplifier especially
suited for a wide range of video applications. The
device is specified to operate over a wide range of
supply voltages from
± 15 V to ± 2.5 V. With a
bandwidth of 270 MHz, a slew rate of over
400 V/
µs, and settling times of less than 30 ns, the
THS4001 offers the unique combination of high
performance in an easy to use voltage feedback
configuration over a wide range of power supply
voltages.
The THS4001 is stable at all gains for both
inverting and noninverting configurations. It has a
high output drive capability of 100 mA and draws
only 7.5 mA of quiescent current. Excellent professional video results can be obtained with the differential
gain/phase performance of 0.04%/0.15
° and 0.1 dB gain flatness to 60 MHz. For applications requiring low
distortion, the THS4001 is ideally suited with total harmonic distortion of –72 dBc at f = 1 MHz.
HIGH-SPEED AMPLIFIER FAMILY
DEVICE
ARCH.
SUPPLY
VOLTAGE
BW
(MHz)
SR
(V/
µs)
THD
f = 1 MHz
ts
0.1%
DIFF.
GAIN
DIFF.
PHASE
Vn
(nV/
√Hz)
VFB
CFB
5 V
±5 V ±15 V
(MHz)
(V/
µs)
(dB)
(ns)
GAIN
PHASE
(nV/
√Hz)
THS3001
•
•
•
420
6500
–96
40
0.01%
0.02
°
1.6
THS4001
•
•
•
•
270
400
–72
40
0.04%
0.15
°
12.5
THS4031/32
•
•
•
100
100
–72
60
0.02%
0.03
°
1.6
THS4061/62
•
•
•
180
400
–72
40
0.02%
0.02
°
14.5
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
NULL
IN –
IN +
VCC–
NULL
VCC+
OUT
NC
D PACKAGE
(TOP VIEW)
NC – No internal connection
CLOSED-LOOP GAIN
vs
FREQUENCY
–2
–6
–10
–14
1M
100M
f – Frequency – Hz
0
–4
–8
–12
10M
1G
3G
2
6
300k
4
8
VCC = ±15 V
Gain = 1
+
–
3.9 pF
200
Ω
50
Ω


Similar Part No. - THS4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4001 NSC-THS4001 Datasheet
883Kb / 21P
THS4001
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
270MHZ HIGH SPEED AMPLIFIERS
THS4001 TI2-THS4001 Datasheet
553Kb / 23P
270-MHz HIGH-SPEED AMPLIFIER
REVISED MARCH 1999
THS4001CD TI1-THS4001CD Datasheet
662Kb / 20P
270-MHz HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4001CD NSC-THS4001CD Datasheet
883Kb / 21P
THS4001
More results

Similar Description - THS4001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
logo
Elantec Semiconductor
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
Dual, 500 MHz High Speed, Operational Amplifier
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
Quad 60 MHz High Speed Operational Amplifier
logo
Analog Devices
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
270 MHz, 400 關A Current Feedback Amplifier
REV. A
logo
Texas Instruments
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
270 MHz, 400A Current Feedback Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com