Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4011 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4011
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4011 Datasheet(HTML) 1 Page - Texas Instruments

  THS4011 Datasheet HTML 1Page - Texas Instruments THS4011 Datasheet HTML 2Page - Texas Instruments THS4011 Datasheet HTML 3Page - Texas Instruments THS4011 Datasheet HTML 4Page - Texas Instruments THS4011 Datasheet HTML 5Page - Texas Instruments THS4011 Datasheet HTML 6Page - Texas Instruments THS4011 Datasheet HTML 7Page - Texas Instruments THS4011 Datasheet HTML 8Page - Texas Instruments THS4011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
THS4011, THS4012
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
SLOS216B – JUNE 1999 – FEBRUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very High Speed
– 290 MHz Bandwidth (G = 1, –3 dB)
– 310 V/
µs Slew Rate
– 37 ns Settling Time (0.1%)
D Very Low Distortion
– THD = –80 dBc (f = 1 MHz, RL = 150 Ω)
D 110 mA Output Current Drive (Typical)
D 7.5 nV/√Hz Voltage Noise
D Excellent Video Performance
– 70 MHz Bandwidth (0.1 dB, G = 1)
– 0.006% Differential Gain Error
– 0.01
° Differential Phase Error
D ±5 V to ±15 V Supply Voltage
D Available in Standard SOIC, MSOP
PowerPAD, JG, or FK Packages
D Evaluation Module Available
description
The THS4011 and THS4012 are very high speed,
single/dual, voltage feedback amplifiers ideal for
a wide range of applications. The devices offer
very
good
ac
performance
with
290-MHz
bandwidth, 310-V/
µs slew rate, and 37-ns settling
time (0.1%). These amplifiers have a high output
drive capability of 110 mA and draw only 7.8-mA
supply current per channel. For applications
requiring low distortion, the THS4011/12 operate
with a total harmonic distortion (THD) of –80 dBc
at f = 1 MHz. For video applications, the
THS4011/12 offer 0.1 dB gain flatness to 70-MHz,
0.006%
differential
gain
error,
and
0.01
°
differential phase error.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4061/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High Speed-Amplifiers
180-MHz High-Speed Amplifiers
CAUTION: THE THS4011 AND THS4012 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.
Copyright
© 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
NC
IN–
NC
IN+
NC
THS4012
D AND DGN† PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
–VCC
VCC+
2OUT
2IN–
2IN+
1
2
3
4
8
7
6
5
NULL
IN –
IN +
VCC–
NULL
VCC+
OUT
NC
THS4011
JG, D AND DGN PACKAGE
(TOP VIEW)
NC – No internal connection
Cross Section View Showing
PowerPAD Option (DGN)
† This device is in the Product Preview stage of development.
Please contact your local TI sales office for availability.
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
VCC+
NC
OUT
NC
THS4011
FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - THS4011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Texas Instruments
THS4011 TI1-THS4011 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011/2 TI2-THS4011/2 Datasheet
1Mb / 36P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
REVISED FEBRUARY 2000
THS4011CD TI-THS4011CD Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011CD NSC-THS4011CD Datasheet
1Mb / 36P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007 Datasheet
487Kb / 20P
ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
10/02-Data Sheet changed from REV. B to REV. C
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
Ultralow Distortion High Speed Amplifiers
REV. D
logo
Texas Instruments
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Analog Devices
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com