Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4021 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4021 Datasheet HTML 2Page - Texas Instruments THS4021 Datasheet HTML 3Page - Texas Instruments THS4021 Datasheet HTML 4Page - Texas Instruments THS4021 Datasheet HTML 5Page - Texas Instruments THS4021 Datasheet HTML 6Page - Texas Instruments THS4021 Datasheet HTML 7Page - Texas Instruments THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments THS4021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1 M
10 M
100 M
1 G
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
VCC = ± 15 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
Figure 5
OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
f – Frequency – Hz
100 M
10 M
100 k
1 M
–60
–90
0
30
–180
–120
10 k
1 k
1 G
–150
–30
VCC = ± 5 V & ±15 V
Gain
Phase
–20
0
20
40
60
80
100
120
Figure 6
–40
–50
–60
–70
–80
–90
–100
VCC = ± 15 V
Gain = 10
VO(PP) = 2 V
100 k
1 M
10 M
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f – Frequency – Hz
RL = 150 Ω
RL = 1 kΩ
Figure 7
–10
0
–30
–50
–70
–90
–110
5
101520
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
VCC = ± 15 V
RL = 1 kΩ
G = 10
f = 1 MHz
2nd Harmonic
3rd Harmonic
Figure 8
–10
–30
–50
–70
–90
–110
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
VCC = ± 15 V
RL = 150 Ω
G = 10
f = 1 MHz
2nd Harmonic
3rd Harmonic
Figure 9
–50
–60
–70
–80
–90
–100
100 k
1 M
10 M
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
RL = 1 kΩ
G = 10
VO(PP) = 2 V
Figure 10
–50
–60
–70
–80
–90
–100
100 k
1 M
10 M
VCC = ± 5 V
RL = 1 kΩ
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
Figure 11
VCC = ± 15 V
RL = 150 Ω
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
–50
–60
–70
–80
–90
–100
100 k
1 M
10 M
DISTORTION
vs
FREQUENCY
f – Frequency – Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com