Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4021 Datasheet(HTML) 4 Page - Texas Instruments

  THS4021 Datasheet HTML 1Page - Texas Instruments THS4021 Datasheet HTML 2Page - Texas Instruments THS4021 Datasheet HTML 3Page - Texas Instruments THS4021 Datasheet HTML 4Page - Texas Instruments THS4021 Datasheet HTML 5Page - Texas Instruments THS4021 Datasheet HTML 6Page - Texas Instruments THS4021 Datasheet HTML 7Page - Texas Instruments THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
Gain = 10
350
MHz
Small signal bandwidth ( 3 dB)
VCC = ± 5 V
Gain = 10
280
MHz
Small-signal bandwidth (– 3 dB)
VCC = ± 15 V
Gain = 20
80
MHz
BW
VCC = ± 5 V
Gain = 20
70
MHz
BW
Bandwidth for 0 1 dB flatness
VCC = ± 15 V
Gain = 10
17
MHz
Bandwidth for 0.1 dB flatness
VCC = ± 5 V
Gain = 10
17
MHz
Full power bandwidth†
VO(pp) = 20 V,
VCC = ± 15 V
3.7
MHz
Full power bandwidth†
VO(pp) = 5 V,
VCC = ± 5 V
11.8
MHz
SR
Slew rate‡
VCC = ± 15 V,
10-V step,
Gain = 10
470
V/
µs
SR
Slew rate‡
VCC = ± 5 V,
5-V step
Gain = 10
370
V/
µs
Settling time to 0 1%
VCC = ± 15 V,
5-V step
Gain = 10
40
ns
t
Settling time to 0.1%
VCC = ± 5 V,
2-V step
Gain = –10
50
ns
ts
Settling time to 0 01%
VCC = ± 15 V,
5-V step
Gain = 10
145
ns
Settling time to 0.01%
VCC = ± 5 V,
2-V step
Gain = –10
150
ns
† Slew rate is measured from an output level range of 25% to 75%.
‡ Full power bandwidth = slew rate / 2
π VO(Peak).
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
RL = 150 Ω
–68
THD
Total harmonic distortion
VO(pp) = 2 V,
VCC = ± 15 V
RL = 1 kΩ
–77
dBc
THD
Total harmonic distortion
O(
)
,
f = 1 MHz, Gain = 2
VCC = ± 5V
RL = 150 Ω
–69
dBc
VCC = ± 5 V
RL = 1 kΩ
–78
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V, f = 10 kHz
1.5
nV/
√Hz
In
Input current noise
VCC = ± 5 V or ± 15 V, f = 10 kHz
2
pA/
√Hz
Differential gain error
Gain = 2,
NTSC,
VCC = ± 15 V
0 02%
Differential gain error
,
40 IRE modulation,
,
±100 IRE ramp V
CC = ± 5 V
0.02%
Differential phase error
Gain = 2,
NTSC,
VCC = ± 15 V
0.08
°
Differential phase error
,
40 IRE modulation,
,
±100 IRE ramp V
CC = ± 5 V
0.06
°
XT
Channel-to-channel crosstalk
(THS4022 only)
VCC = ± 5 V or ± 15 V, f = 1 MHz
–60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com