Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS5651 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS5651
Description  10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5651 Datasheet(HTML) 1 Page - Texas Instruments

  THS5651 Datasheet HTML 1Page - Texas Instruments THS5651 Datasheet HTML 2Page - Texas Instruments THS5651 Datasheet HTML 3Page - Texas Instruments THS5651 Datasheet HTML 4Page - Texas Instruments THS5651 Datasheet HTML 5Page - Texas Instruments THS5651 Datasheet HTML 6Page - Texas Instruments THS5651 Datasheet HTML 7Page - Texas Instruments THS5651 Datasheet HTML 8Page - Texas Instruments THS5651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
THS5651
10-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS197A – JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Pin-Compatible
CommsDAC
™ Product Family
D 100 MSPS Update Rate
D 10-Bit Resolution
D Superior Spurious Free Dynamic Range
Performance (SFDR) to Nyquist at 20 MHz
Output: 61 dBc
D 1 ns Setup/Hold Time
D Differential Scalable Current Outputs: 2 mA
to 20 mA
D On-Chip 1.2-V Reference
D 3 V and 5 V CMOS-Compatible Digital
Interface
D Straight Binary or Twos Complement Input
D Power Dissipation: 175 mW at 5 V, Sleep
Mode: 25 mW at 5 V
D Package: 28-Pin SOIC and TSSOP
The THS5651 is a 10-bit resolution digital-to-analog converter (DAC) specifically optimized for digital data
transmission in wired and wireless communication systems. The 10-bit DAC is a member of the CommsDAC
series of high-speed, low-power CMOS digital-to-analog converters. The CommsDAC family consists of pin
compatible 14-, 12-, 10-, and 8-bit DACs. All devices offer identical interface options, small outline package and
pinout. The THS5651 offers superior ac and dc performance while supporting update rates up to 100 MSPS.
The THS5651 operates from an analog supply of 4.5 V to 5.5 V. Its inherent low power dissipation of 175 mW
ensures that the device is well suited for portable and low power applications. Lowering the full-scale current
output reduces the power dissipation without significantly degrading performance. The device features a
SLEEP mode, which reduces the standby power to approximately 25 mW, thereby optimizing the power
consumption for system needs.
The THS5651 is manufactured in Texas Instruments advanced high-speed mixed-signal CMOS process. A
current-source-array architecture combined with simultaneous switching shows excellent dynamic
performance. On-chip edge-triggered input latches and a 1.2 V temperature compensated bandgap reference
provide a complete monolithic DAC solution. The digital supply range of 3 V to 5.5 V supports 3 V and 5 V CMOS
logic families. Minimum data input setup and hold times allow for easy interfacing with external logic. The
THS5651 supports both a straight binary and twos complement input word format, enabling flexible interfacing
with digital signal processors.
The THS5651 provides a nominal full-scale differential output current of 20 mA and >300 k
Ω output impedance,
supporting both single-ended and differential applications. The output current can be directly fed to the load
(e.g., external resistor load or transformer), with no additional external output buffer required. An accurate
on-chip reference and control amplifier allows the user to adjust this output current from 20 mA down to 2 mA,
with no significant degradation of performance. This reduces power consumption and provides 20 dB gain range
control capabilities. Alternatively, an external reference voltage and control amplifier may be applied in
applications using a multiplying DAC. The output voltage compliance range is 1.25 V.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NC
NC
NC
NC
CLK
DVDD
DGND
MODE
AVDD
COMP2
IOUT1
IOUT2
AGND
COMP1
BIASJ
EXTIO
EXTLO
SLEEP
SOIC (DW) OR TSSOP (PW) PACKAGE
(TOP VIEW)
NC – No internal connection
CommsDAC is a trademark of Texas Instruments Incorporated.


Similar Part No. - THS5651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI2-THS5651A Datasheet
886Kb / 35P
10-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER
REVISED SEPTEMBER 2002
THS5651ADW TI-THS5651ADW Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI-THS5651AIDW Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI1-THS5651AIDW Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com