Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS5661 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS5661
Description  12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS5661 Datasheet HTML 17Page - Texas Instruments THS5661 Datasheet HTML 18Page - Texas Instruments THS5661 Datasheet HTML 19Page - Texas Instruments THS5661 Datasheet HTML 20Page - Texas Instruments THS5661 Datasheet HTML 21Page - Texas Instruments THS5661 Datasheet HTML 22Page - Texas Instruments THS5661 Datasheet HTML 23Page - Texas Instruments THS5661 Datasheet HTML 24Page - Texas Instruments THS5661 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
THS5661
12-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS200A – MAY 1999 – REVISED JULY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
definitions of specifications and terminology (continued)
offset drift
The change in offset error versus temperature from the ambient temperature (TA = 25°C) in ppm of full-scale
range per
°C.
gain drift
The change in gain error versus temperature from the ambient temperature (TA = 25°C) in ppm of full-scale
range per
°C.
reference voltage drift
The change in reference voltage error versus temperature from the ambient temperature (TA = 25°C) in ppm
of full-scale range per
°C.
THS5661 evaluation board
An evaluation module (EVM) board for the THS5661 digital-to-analog converter is available for evaluation. This
board allows the user the flexibility to operate the THS5661 in various configurations. Possible output
configurations include transformer coupled, resistor terminated, and inverting/noninverting amplifier outputs.
The digital inputs are designed to interface with the TMS320 C5000 or C6000 family of DSPs or to be driven
directly from various pattern generators with the onboard option to add a resistor network for proper load
termination.
See the
THS56x1 Evaluation Module User’s Guide for more details (SLAU032).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com