Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS5661 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS5661
Description  12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661 Datasheet(HTML) 1 Page - Texas Instruments

  THS5661 Datasheet HTML 1Page - Texas Instruments THS5661 Datasheet HTML 2Page - Texas Instruments THS5661 Datasheet HTML 3Page - Texas Instruments THS5661 Datasheet HTML 4Page - Texas Instruments THS5661 Datasheet HTML 5Page - Texas Instruments THS5661 Datasheet HTML 6Page - Texas Instruments THS5661 Datasheet HTML 7Page - Texas Instruments THS5661 Datasheet HTML 8Page - Texas Instruments THS5661 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
THS5661
12-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS200A – MAY 1999 – REVISED JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Pin-Compatible
CommsDAC
™ Product Family
D 100 MSPS Update Rate
D 12-Bit Resolution
D Spurious Free Dynamic Range (SFDR) to
Nyquist at 20 MHz Output: 63 dBc
D 1 ns Setup/Hold Time
D Differential Scalable Current Outputs: 2 mA
to 20 mA
D On-Chip 1.2 V Reference
D 3 V and 5 V CMOS-Compatible Digital
Interface
D Straight Binary or Twos Complement Input
D Power Dissipation: 175 mW at 5 V, Sleep
Mode: 25 mW at 5 V
D Package: 28-Pin SOIC and TSSOP
description
The THS5661 is a 12-bit resolution digital-to-analog converter (DAC) specifically optimized for digital data
transmission in wired and wireless communication systems. The 12-bit DAC is a member of the CommsDAC
series of high-speed, low-power CMOS digital-to-analog converters. The CommsDAC family consists of pin
compatible 14-, 12-, 10-, and 8-bit DACs. All devices offer identical interface options, small outline package, and
pinout. The THS5661 offers superior ac and dc performance while supporting update rates up to 100 MSPS.
The THS5661 operates from an analog supply of 4.5 V to 5.5 V. Its inherent low power dissipation of 175 mW
ensures that the device is well-suited for portable and low-power applications. Lowering the full-scale current
output reduces the power dissipation without significantly degrading performance. The device features a
SLEEP mode, which reduces the standby power to approximately 25 mW, thereby optimizing the power
consumption for system needs.
The THS5661 is manufactured in Texas Instruments advanced high-speed mixed-signal CMOS process. A
current-source-array architecture combined with simultaneous switching shows excellent dynamic
performance. On-chip edge-triggered input latches and a 1.2 V temperature-compensated bandgap reference
provide a complete monolithic DAC solution. The digital supply range of 3 V to 5.5 V supports 3 V and 5 V CMOS
logic families. Minimum data input setup and hold times allow for easy interfacing with external logic. The
THS5661 supports both a straight binary and twos complement input word format, enabling flexible interfacing
with digital signal processors.
The THS5661 provides a nominal full-scale differential output current of 20 mA and >300 k
Ω output impedance,
supporting both single-ended and differential applications. The output current can be directly fed to the load
(e.g., external resistor load or transformer), with no additional external output buffer required. An accurate
on-chip reference and control amplifier allows the user to adjust this output current from 20 mA down to 2 mA,
with no significant degradation of performance. This reduces power consumption and provides 20 dB gain range
control capabilities. Alternatively, an external reference voltage and control amplifier may be applied in
applications using a multiplying DAC. The output voltage compliance range is 1.25 V.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NC
NC
CLK
DVDD
DGND
MODE
AVDD
COMP2
IOUT1
IOUT2
AGND
COMP1
BIASJ
EXTIO
EXTLO
SLEEP
SOIC (DW) OR TSSOP (PW) PACKAGE
(TOP VIEW)
NC – No internal connection
CommsDAC is a trademark of Texas Instruments Incorporated.


Similar Part No. - THS5661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
940Kb / 34P
DIGITAL-TO-ANALOG CONVERTER
THS5661A TI2-THS5661A Datasheet
897Kb / 36P
12-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER
REVISED SEPTEMBER 2002
THS5661ADW TI-THS5661ADW Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIDW TI-THS5661AIDW Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com