Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1802L Datasheet(PDF) 10 Page - HYES Optoelectronics, Inc.

Part # HT1802L
Description  LCD MODULE (128 횞 RGB 횞 160 Dots)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT1802L Datasheet(HTML) 10 Page - HYES Optoelectronics, Inc.

Back Button HT1802L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 12Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 13Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 14Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Lens Ø = 3mm
Rating is defined as the average
brightness inside the viewing area
Page 10 of
Date : May. 20, 2008
LCM
HT1802L
22
TECHNICAL SPECIFICATION
Y2(Φ=180。)
Top
Θ1
X1
X2
Y1(Φ=0。)
Θ2
Bottom
Note 1 . Definition of angle Θ and Φ
Note 2. Definition of viewing angle Θ1 and Θ2
Cr
2.0
Θ1
0。
Θ2
Off
On
Off
100%
90%
Time
Note 4. Definition of Optical response
10%
tr
tf
Note 3.
Definition
of
contrast
Cr
100%
0%
B
A
Non - selected
Dots
Selected
Dots
Cr=(A/B)
P
Negative : P= -1
Positive : P= +1
Set
Point
Voltage
Note 5. Measuring Point(9 POINTS) (WxH)
W/6
W/6
W/3
W/3
H/6
H/6
H/3
H/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com