Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1802L Datasheet(PDF) 22 Page - HYES Optoelectronics, Inc.

Part # HT1802L
Description  LCD MODULE (128 횞 RGB 횞 160 Dots)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT1802L Datasheet(HTML) 22 Page - HYES Optoelectronics, Inc.

Back Button HT1802L Datasheet HTML 14Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 15Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 16Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 17Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 18Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 19Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 20Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 21Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 22Page - HYES Optoelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
16. Don't push the display area of LCD panel, it will cause abnormal display. This doesn't
mean LCD functional defect, neither. LCD will display normally in regular temperature.
17. Electrical test of LCD product is made by using mobile phone provided by Customer. We
can use special test equipment to do the test, also.
18. The black band on IC on LCD product is used to protect the IC from light. Please do NOT
remove it.
19. Please take great care to use connector. Customer should be responsible for connector
defect caused by operation on Customer side.
Part II Storage
1. Physical status of liquid crystal will change in extrem temperature, and it can not
be resumed whenthe temperature returns to be normal. So LCD module should be
stored in required temperature.
2. LCD module should be stored in required humidity. Low hymidity may add static,
while high humidity may corrode the ITO circuit of LCD product. The suitable storage
environment is: temperature:22±5℃, humidity: 55%±10%.
3. Don't expose LCD module under sunshine, strong fluorescence or ultraviolet radiation
for a long time.It should be stored in dark area.
4. LCD should be stored in static-protective polythene bag. Don't expose it in the air for
a long time.
TECHNICAL SPECIFICATION
Date : May. 20, 2008
LCM
HT1802L
Page 22 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com