Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6072 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS6072
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6072 Datasheet(HTML) 1 Page - Texas Instruments

  THS6072 Datasheet HTML 1Page - Texas Instruments THS6072 Datasheet HTML 2Page - Texas Instruments THS6072 Datasheet HTML 3Page - Texas Instruments THS6072 Datasheet HTML 4Page - Texas Instruments THS6072 Datasheet HTML 5Page - Texas Instruments THS6072 Datasheet HTML 6Page - Texas Instruments THS6072 Datasheet HTML 7Page - Texas Instruments THS6072 Datasheet HTML 8Page - Texas Instruments THS6072 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290A – FEBRUARY 2000 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ADSL Differential Receiver
– Ideal for Central Office or Remote
Terminal Applications
D Low 3.4 mA Per Channel Quiescent Current
D 10 nV/√Hz Voltage Noise
D Very Low Distortion
– THD = –79 dBc (f = 1 MHz, RL = 1 kΩ)
D High Speed
– 175 MHz Bandwidth (–3 dB, G = 1)
– 230 V/
µs Slew Rate
D High Output Drive, IO = 85 mA (typ)
D Wide Range of Power Supplies
– VCC = ±5 V to ±15 V
D Available in Standard SOIC or MSOP
PowerPAD
™ Package
D Evaluation Module Available
description
The THS6072 is a high-speed, low-power differential receiver designed for ADSL communication systems. Its
low 3.4-mA per channel quiescent current reduces power to half that of other ADSL receivers making it ideal
for low power ADSL applications. This receiver operates with a very low distortion of –79 dBc
(f = 1 MHz, RL = 1 kΩ). The THS6072 is a voltage feedback amplifier offering a high 175-MHz bandwidth and
230-V/
µs slew rate and is unity gain stable. It operates over a wide range of power supply voltages including
±4.5 V to ±15 V. This device is available in a standard SOIC or MSOP PowerPAD™ package.
HIGH-SPEED xDSL LINE DRIVER/RECEIVER FAMILY
DEVICE
DRIVER
RECEIVER
5 V
±5 V ±15 V DESCRIPTION
THS6002
•
•
•
•
500-mA differential line driver and receiver
THS6012
•
•
•
500-mA differential line driver
THS6022
•
•
•
250-mA differential line driver
THS6032
•
•
•
500-mA low-power ADSL central-office line driver
THS6062
•
•
•
•
Low-noise ADSL receiver
THS6072
•
•
•
Low-power ADSL receiver
THS7002
•
•
•
Low-noise programmable-gain ADSL receiver
PowerPAD is a trademark of Texas Instruments.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Cross Section View Showing
PowerPAD
™ Option (DGN)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VCC–
VCC+
2OUT
2IN –
2IN+
THS6072
D OR DGN PACKAGE
(TOP VIEW)
CAUTION: The THS6072 provides ESD protection circuitry. However, permanent damage can still occur if this device is subjected
to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance degradation or loss
of functionality.


Similar Part No. - THS6072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
THS6072 TI1-THS6072 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6072 TI2-THS6072 Datasheet
996Kb / 32P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
REVISED AUGUST 2009
logo
National Semiconductor ...
THS6072CD NSC-THS6072CD Datasheet
971Kb / 31P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
THS6072CDG4 NSC-THS6072CDG4 Datasheet
971Kb / 31P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100314 NSC-100314 Datasheet
112Kb / 8P
Low Power Quint Differential Line Receiver
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
THS6062IDR TI1-THS6062IDR Datasheet
1Mb / 36P
LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com