Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8134 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS8134
Description  TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8134 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS8134 Datasheet HTML 16Page - Texas Instruments THS8134 Datasheet HTML 17Page - Texas Instruments THS8134 Datasheet HTML 18Page - Texas Instruments THS8134 Datasheet HTML 19Page - Texas Instruments THS8134 Datasheet HTML 20Page - Texas Instruments THS8134 Datasheet HTML 21Page - Texas Instruments THS8134 Datasheet HTML 22Page - Texas Instruments THS8134 Datasheet HTML 23Page - Texas Instruments THS8134 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
THS8134, THS8134A, THS8134B
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS205D – MAY 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
comparison to EIA RS-343/RS-170 levels
Traditionally, video amplitude levels are specified according to the EIA RS-343 or RS-170 standards. RS-343
uses a bi-level negative going sync. Also, there is a difference between the reference blanking and black video
level. Figure 15 shows the relative amplitudes and the current drives that would be needed to generate
compliant relative amplitudes with a double-terminated 75-
Ω load, as is specified for RS-343. RS-170 compliant
levels can be reached using the same current sources but a different 150-
Ω source termination resistor, which
brings the load to 150 || 75
Ω = 50 Ω. In this case a blank-to-white level of approximately 1 V is reached
(0.714 V
× 50 ÷ 37.5) as required by RS-170.
7.5 IRE
40 IRE
92.5 IRE
BLACK Level
BLANK Level
SYNC Level
With Sync Insertion
Without Sync Insertion
V
mA
V
mA
1.000
26.67
0.714
19.05
0.340
9.05
0.340
1.44
0.286
7.62
0
0
0
0
Figure 15. RS-343 Video Definition
The video signal contains 140 IRE, equal to 1 Vpp. This is split into 40 IRE for the composite sync, 7.5 IRE for
blanking-to-black and 92.5 IRE for the active video portion.
designing with PowerPAD
™
The THS8134 is housed in a high-performance, thermally enhanced, 48-pin PowerPAD package (TI package
designator: 48-PHP). Use of the PowerPAD package does not require any special considerations except to note
that the PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing the PowerPAD PCB features, solder masks (or other assembly
techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD of connection
etches or vias under the package. The recommended option, however, is not to run any etches or signal vias
under the device, but to have only a grounded thermal land as explained below. Although the actual size of the
exposed die pad may vary, the minimum size required for the keep-out area for the 48-pin PHP PowerPAD
package is 7 mm
× 7 mm.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper, underneath the
PowerPAD package. The thermal land will vary in size, depending on the PowerPAD package being used, the
PCB construction, and the amount of heat that needs to be removed. In addition, the thermal land may or may
not contain numerous thermal vias, depending on PCB construction.
More information on this package and other requirements for using thermal lands and thermal vias are detailed
in the TI application note
PowerPAD
™ Thermally Enhanced Package Application Report, TI literature number
SLMA002, available via the TI Web pages beginning at URL: http://www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com