Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8134 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS8134
Description  TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8134 Datasheet(HTML) 1 Page - Texas Instruments

  THS8134 Datasheet HTML 1Page - Texas Instruments THS8134 Datasheet HTML 2Page - Texas Instruments THS8134 Datasheet HTML 3Page - Texas Instruments THS8134 Datasheet HTML 4Page - Texas Instruments THS8134 Datasheet HTML 5Page - Texas Instruments THS8134 Datasheet HTML 6Page - Texas Instruments THS8134 Datasheet HTML 7Page - Texas Instruments THS8134 Datasheet HTML 8Page - Texas Instruments THS8134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
THS8134, THS8134A, THS8134B
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS205D – MAY 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Triple 8-Bit D/A Converters
D Minimum 80 MSPS Operation
D Direct Drive of Doubly-Terminated 75-Ω
Load Into Standard Video Levels
D 3×8 Bit 4:4:4, 2×8 Bit 4:2:2 or 1×8 Bit 4:2:2
(ITU-BT.656) Multiplexed YPbPr/GBR Input
Modes
D Bi-Level (EIA) or Tri-Level (SMPTE) Sync
Generation With 7:3 Video/Sync Ratio
D Integrated Insertion of Sync-On-Green/
Luminance or Sync-On-All Channels
D Configurable Blanking Level
D Internal Voltage Reference
applications
D High-Definition Television (HDTV) Set-Top
Boxes/Receivers
D High-Resolution Image Processing
D Desktop Publishing
D Direct Digital Synthesis/I-Q Modulation
See ALSO: THS8133 (10 bit, pin-compatible)
description
The THS8134 is a general-purpose triple high-speed D/A converter (DAC) optimized for use in video/graphics
applications. The device operates from a 5-V analog supply and a 3-V to 5-V range digital supply. The THS8134
has a sampling rate up to 80 MSPS. The device consists of three 8-bit D/A converters and additional circuitry
for bi-level/tri-level sync and blanking level generation in video applications.
THS8134 is also well-suited in applications where multiple well-matched and synchronously operating DACs
are needed; for example, I-Q modulation and direct-digital synthesis in communications equipment.
The current-steering DACs can be directly terminated in resistive loads to produce voltage outputs. The device
provides a flexible configuration of maximum output current drive. Its output drivers are specifically designed
to produce standard video output levels when directly connected to a single-ended doubly-terminated 75
Ω
coaxial cable. Full-scale video/sync is generated in a 7:3 ratio, compliant with SMPTE standards for GBR and
YPbPr signals.
Furthermore, the THS8134 can generate both a traditional bi-level sync or a tri-level sync signal, as per the
SMPTE standards, via a digital control interface. The sync signal is inserted on one of the analog output
channels (sync-on-green/luminance) or on all output channels. Also, a blanking control signal sets the outputs
to defined levels during the nonactive video window.
The position of this defined (blanking) level and the temperature range, over which the maximum imbalance
between the inserted analog syncs (KIMBAL(SYNC)), are the only differences between the unrev, revA, and revB
device versions. Refer to the Available Options table.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
14 15
NC
NC
GY0
GY1
GY2
GY3
GY4
GY5
GY6
GY7
CLK
SYNC_T
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
BPb7
BPb6
BPb5
BPb4
BPb3
BPb2
BPb1
BPb0
NC
NC
DVSS
DVDD
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
TQFP-48 PowerPAD
™ PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS8134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8134 TI1-THS8134 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134A TI1-THS8134A Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134ACPHP TI1-THS8134ACPHP Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134B TI1-THS8134B Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134BCPHP TI1-THS8134BCPHP Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results

Similar Description - THS8134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
December 1998
logo
Texas Instruments
THS8133 TI-THS8133_07 Datasheet
630Kb / 25P
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com