Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL022CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL022CD
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL022CD Datasheet(HTML) 2 Page - Texas Instruments

  TL022CD Datasheet HTML 1Page - Texas Instruments TL022CD Datasheet HTML 2Page - Texas Instruments TL022CD Datasheet HTML 3Page - Texas Instruments TL022CD Datasheet HTML 4Page - Texas Instruments TL022CD Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TL022C, TL022M
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS076 – SEPTEMBER 1973 – REVISED SEPTEMBER 1990
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
Each Amplifier
Common to Both
Amplifiers
VCC +
To Other
Amplifier
To Other Amplifier
VCC –
IN –
IN +
OUT
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TL022C
TL022M
UNIT
Supply voltage, VCC+ (see Note 1)
18
22
V
Supply voltage, VCC– (see Note 1)
–18
–22
V
Differential input voltage (see Note 2)
±30
±30
V
Input voltage (any input, see Notes 1 and 3)
±15
±15
V
Duration of output short circuit (see Note 4)
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Operating free-air temperature range
0 to 70
– 55 to 125
°C
Storage temperature range
– 65 to 150
– 65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
JG or U package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or P package
260
°C
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC– .
2. Differential voltages are at IN+ with respect to IN –.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or either power supply. For the TL022M only, the unlimited duration of the short circuit applies
at (or below) 125
°C case temperature or 75°C free-air temperature.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D
680 mW
5.8 mW/
°C
33
°C
464 mW
—
JG
680 mW
8.4 mW/
°C69°C
672 mW
210 mW
P
680 mW
8.0 mW/
°C65°C
640 mW
—
U
675 mW
5.4 mW/
°C
25
°C
432 mW
135 mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com