Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL022CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL022CD
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL022CD Datasheet(HTML) 4 Page - Texas Instruments

  TL022CD Datasheet HTML 1Page - Texas Instruments TL022CD Datasheet HTML 2Page - Texas Instruments TL022CD Datasheet HTML 3Page - Texas Instruments TL022CD Datasheet HTML 4Page - Texas Instruments TL022CD Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TL022C, TL022M
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS076 – SEPTEMBER 1973 – REVISED SEPTEMBER 1990
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input
VI
0 V
Output
RL = 2 kΩ
CL = 100 pF
TEST CIRCUIT
INPUT VOLTAGE
WAVEFORM
Figure 1. Rise Time, Overshoot Factor, and Slew Rate
TYPICAL CHARACTERISTICS
10
7
4
2
1
0.7
0.4
0.2
0.1
0
2
4
6
8
1012 14
1618 20
No Load
No Signal
TA = 25°C
|VCC
± | – Supply Voltage – V
TOTAL POWER DISSIPATION
vs
SUPPLY RATE
Figure 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com