Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL072
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL072 Datasheet HTML 9Page - Texas Instruments TL072 Datasheet HTML 10Page - Texas Instruments TL072 Datasheet HTML 11Page - Texas Instruments TL072 Datasheet HTML 12Page - Texas Instruments TL072 Datasheet HTML 13Page - Texas Instruments TL072 Datasheet HTML 14Page - Texas Instruments TL072 Datasheet HTML 15Page - Texas Instruments TL072 Datasheet HTML 16Page - Texas Instruments TL072 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
0
°
45
°
180
°
135
°
90
°
1
1
f − Frequency − Hz
10 M
106
10
100
1 k
10 k
100 k
1 M
101
102
103
104
105
Differential
Voltage
Amplification
VCC± = ±5 V to ±15 V
RL = 2 kΩ
TA = 25°C
Phase Shift
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
Figure 12
1.02
1.01
1
0.99
0.98
1.03
0.97
−75
0.7
TA − Free-Air Temperature − °C
125
1.3
−50
−25
0
25
50
75
100
0.8
0.9
1
1.1
1.2
Unity-Gain Bandwidth
VCC± = ±15 V
RL = 2 kΩ
f = B1 for Phase Shift
NORMALIZED UNITY-GAIN BANDWIDTH
AND PHASE SHIFT
vs
FREE-AIR TEMPERATURE
Phase Shift
Figure 13
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com