Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TL072
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL072 Datasheet HTML 14Page - Texas Instruments TL072 Datasheet HTML 15Page - Texas Instruments TL072 Datasheet HTML 16Page - Texas Instruments TL072 Datasheet HTML 17Page - Texas Instruments TL072 Datasheet HTML 18Page - Texas Instruments TL072 Datasheet HTML 19Page - Texas Instruments TL072 Datasheet HTML 20Page - Texas Instruments TL072 Datasheet HTML 21Page - Texas Instruments TL072 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
−15 V
6 sin
ωt
6 cos
ωt
88.4 k
Ω
VCC+
VCC−
VCC+
VCC−
1N4148
18 pF
18 pF
1 k
Ω
18 k
Ω (see Note A)
15 V
TL072
TL072
88.4 k
Ω
88.4 k
Ω
18 pF
1 k
Ω
18 k
Ω (see Note A)
1N4148
NOTE A: These resistor values may be adjusted for a symmetrical output.
Figure 26. 100-kHz Quadrature Oscillator
0.1
µF
0.1
µF
10 k
Ω
50
Ω
100 k
Ω
N1
OUT
1 M
Ω
VCC+
10 k
Ω
10 k
Ω
TL071
N2
IN−
IN+
Figure 27. AC Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com