Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL331
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL331 Datasheet(HTML) 1 Page - Texas Instruments

  TL331 Datasheet HTML 1Page - Texas Instruments TL331 Datasheet HTML 2Page - Texas Instruments TL331 Datasheet HTML 3Page - Texas Instruments TL331 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL331
SINGLE DIFFERENTIAL COMPARATOR
SLVS238A – AUGUST 1999 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single Supply or Dual Supplies
D Wide Range of Supply Voltage
...2 V to 36 V
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.4 mA Typ
D Low Input Bias Current . . . 25 nA Typ
D Low Input Offset Voltage ...2 mV Typ
D Common-Mode Input Voltage Range
Includes Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±36 V
D Low Output Saturation Voltage
D Output Compatible With TTL, MOS, and
CMOS
D Packaged in Plastic Small-Outline
Transistor Package
description
This device consists of a single voltage comparator that is designed to operate from a single power supply over
a wide range of voltages. Operation from dual supplies also is possible if the difference between the two supplies
is 2 V to 36 V and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is
independent of the supply voltage. The output can be connected to other open-collector outputs to achieve
wired-AND relationships.
The TL331I is characterized for operation from –40
°C to 85°C.
logic diagram
IN+
IN–
OUT
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
VIO(max)
AT 25
°C
SMALL-OUTLINE
TRANSISTOR
(DBV)
–40
°C to 85°C
5 mV
TL331IDBV
The DBV package is only available left-end taped and
reeled. Add suffix R to device type (e.g., TL331IDBVR).
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
IN–
VCC–/GND
IN+
VCC
OUT


Similar Part No. - TL331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331 TI1-TL331 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
logo
ON Semiconductor
TL331 ONSEMI-TL331 Datasheet
1Mb / 7P
Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
May, 2018 ??Rev. 2
logo
Texas Instruments
TL331 TI-TL331 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results

Similar Description - TL331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331_06 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
logo
Diodes Incorporated
AP331A DIODES-AP331A Datasheet
275Kb / 13P
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
logo
Texas Instruments
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331KDBVR TI-TL331KDBVR Datasheet
744Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_16 Datasheet
702Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com