Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL331
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL331 Datasheet(HTML) 3 Page - Texas Instruments

  TL331 Datasheet HTML 1Page - Texas Instruments TL331 Datasheet HTML 2Page - Texas Instruments TL331 Datasheet HTML 3Page - Texas Instruments TL331 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TL331
SINGLE DIFFERENTIAL COMPARATOR
SLVS238A – AUGUST 1999 – REVISED NOVEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 30 V, VO = 1.4 V,
25
°C
2
5
mV
VIO
Input offset voltage
CC
,
O
,
VIC = VIC(min)
–40
°C to 85°C
9
mV
IIO
Input offset current
VO =1 4V
25
°C
5
50
nA
IIO
Input offset current
VO = 1.4 V
–40
°C to 85°C
250
nA
IIB
Input bias current
VO =1 4V
25
°C
–25
–250
nA
IIB
Input bias current
VO = 1.4 V
–40
°C to 85°C
–400
nA
VICR
Common-mode
25
°C
0 to
VCC–1.5
V
VICR
input voltage range‡
–40
°C to 85°C
0 to
VCC–2
V
AVD
Large-signal
differential voltage amplification
VCC = 15 V, VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
50
200
V/mV
IOH
High level output current
VOH = 5 V,
VID = 1 V
25
°C
0.1
50
nA
IOH
High-level output current
VOH = 30 V,
VID = 1 V
–40
°C to 85°C
1
µA
VOL
Low level output voltage
IOL =4mA
VID =1 V
25
°C
150
400
mV
VOL
Low-level output voltage
IOL = 4 mA,
VID = –1 V
–40
°C to 85°C
700
mV
IOL
Low-level output current
VOL = 1.5 V,
VID = 1 V
25
°C
6
mA
ICC
Supply current
RL = ∞,
VCC = 5 V
25
°C
0.4
0.7
mA
† All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
‡ The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage
range is VCC+ – 1.5 V, but either or both inputs can go to 30 V without damage.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
§
100-mV input step with 5-mV overdrive
1.3
µs
Response time
L
g
CL = 15 pF§, See Note 6
TTL-level input step
0.3
µs
§ CL includes probe and jig capacitance.
NOTE 6: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com