Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL431 Datasheet HTML 17Page - Texas Instruments TL431 Datasheet HTML 18Page - Texas Instruments TL431 Datasheet HTML 19Page - Texas Instruments TL431 Datasheet HTML 20Page - Texas Instruments TL431 Datasheet HTML 21Page - Texas Instruments TL431 Datasheet HTML 22Page - Texas Instruments TL431 Datasheet HTML 23Page - Texas Instruments TL431 Datasheet HTML 24Page - Texas Instruments TL431 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543H − AUGUST 2004 − REVISED JANUARY 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1 k
10 k
100 k
1 M
10 M
0
10
20
30
50
60
40
SMALL-SIGNAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
9
µF
GND
Output
232
Ω
8.25 k
Ω
IKA
15 k
Ω
f − Frequency − Hz
TEST CIRCUIT FOR VOLTAGE AMPLIFICATION
IKA = 10 mA
TA = 25°C
+
−
IKA = 10 mA
TA = 25°C
Figure 13
1 k
Ω
50
Ω
GND
Output
IKA
0.1
1 k
10 k
100 k
1 M
10 M
1
f − Frequency − Hz
REFERENCE IMPEDANCE
vs
FREQUENCY
10
100
IKA = 10 mA
TA = 25°C
TEST CIRCUIT FOR REFERENCE IMPEDANCE
+
−
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com