Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL431 Datasheet HTML 19Page - Texas Instruments TL431 Datasheet HTML 20Page - Texas Instruments TL431 Datasheet HTML 21Page - Texas Instruments TL431 Datasheet HTML 22Page - Texas Instruments TL431 Datasheet HTML 23Page - Texas Instruments TL431 Datasheet HTML 24Page - Texas Instruments TL431 Datasheet HTML 25Page - Texas Instruments TL431 Datasheet HTML 26Page - Texas Instruments TL431 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543H − AUGUST 2004 − REVISED JANUARY 2005
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
50
40
10
0
0.001
0.01
0.1
1
70
90
STABILITY BOUNDARY CONDITIONS
FOR ALL TL431 AND TL431A DEVICES
(EXCEPT FOR SOT23-3, SC-70, AND Q-TEMP DEVICES)
100
10
30
80
60
20
TA = 25°C
B
Stable
Stable
A VKA = Vref
B VKA = 5 V
C VKA = 10 V
D VKA = 15 Vf
CL − Load Capacitance − µF
A
C
D
150
IKA
R1 = 10 k
R2
CL
VBATT
IKA
CL
VBATT
150
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
+
+
50
40
10
0
0.001
0.01
0.1
1
70
90
STABILITY BOUNDARY CONDITIONS
FOR ALL TL431B, TL432, SOT-23, SC-70, AND Q-TEMP DEVICES
100
10
30
80
60
20
Stable
A VKA = Vref
B VKA = 5 V
C VKA = 10 V
D VKA = 15 Vf
CL − Load Capacitance − µF
A
C
D
150
IKA
R1 = 10 k
R2
CL
VBATT
IKA
CL
VBATT
150
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
† The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted
to establish the initial VKA and IKA conditions with CL = 0. VBATT and
CL then were adjusted to determine the ranges of stability.
+
+
B
A
TA = 25°C
Stable
B
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com