Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL430Y Datasheet(PDF) 2 Page - Texas Instruments

Part # TL430Y
Description  ADJUSTABLE SHUNT REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL430Y Datasheet(HTML) 2 Page - Texas Instruments

  TL430Y Datasheet HTML 1Page - Texas Instruments TL430Y Datasheet HTML 2Page - Texas Instruments TL430Y Datasheet HTML 3Page - Texas Instruments TL430Y Datasheet HTML 4Page - Texas Instruments TL430Y Datasheet HTML 5Page - Texas Instruments TL430Y Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TL430
ADJUSTABLE SHUNT REGULATORS
SLVS050B – JUNE 1976 – REVISED JULY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Regulator voltage (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator current
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3):
156
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the anode terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
MAX
UNIT
Regulator voltage, VZ
Vref
30
V
Regulator current, IZ
2
100
mA
Operating free-air temperature range, TA
TL430C
0
70
°C
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST
TEST CONDITIONS
TL430C
UNIT
PARAMETER
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(ref)
Reference input voltage
1
VZ = VI(ref),
IZ = 10 mA
2.5
2.75
3
V
αVI(ref)
Temperature coefficient of reference input
voltage
1
VZ = VI(ref),
TA = 0°C to 70°C
IZ = 10 mA,
120
ppm/
°C
II(ref)
Reference input current
2
IZ = 10 mA,
R2 =
∞
R1 = 10 k
Ω,
3
10
µA
IZK
Regulator current near lower knee of
regulation range
1
VZ = VI(ref)
0.5
2
mA
IZK
Regulator current at maximum
1
VZ = VI(ref)
50
mA
IZK
g
limit of regulation range
2
VZ = 5 V to 30 V,
See Note 4
100
mA
rz
Differential regulator resistance
(see Note 5)
1
VZ = VI(ref),
∆IZ = (52 – 2) mA
1.5
3
W
VZ = 3 V
50
Vn
Noise voltage
2
f = 0.1 Hz to 10 Hz
VZ = 12 V
200
µV
VZ = 30 V
650
NOTES:
4. The average power dissipation, VZ • IZ • duty cycle, must not exceed the maximum continuous rating in any 10-ms interval.
5. The regulator resistance for VZ > VI(ref), rz, is given by:
rz + rz 1 )
R1
R2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com