Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL430Y Datasheet(PDF) 3 Page - Texas Instruments

Part # TL430Y
Description  ADJUSTABLE SHUNT REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL430Y Datasheet(HTML) 3 Page - Texas Instruments

  TL430Y Datasheet HTML 1Page - Texas Instruments TL430Y Datasheet HTML 2Page - Texas Instruments TL430Y Datasheet HTML 3Page - Texas Instruments TL430Y Datasheet HTML 4Page - Texas Instruments TL430Y Datasheet HTML 5Page - Texas Instruments TL430Y Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TL430
ADJUSTABLE SHUNT REGULATORS
SLVS050B – JUNE 1976 – REVISED JULY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST
TEST CONDITIONS
TL430Y
UNIT
PARAMETER
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(ref)
Reference input voltage
1
VZ = VI(ref),
IZ = 10 mA
2.5
2.75
3
V
II(ref)
Reference input current
2
IZ = 10 mA,
R2 =
∞
R1 = 10 k
Ω,
3
10
µA
IZK
Regulator current near lower knee of
regulation range
1
VZ = VI(ref)
0.5
2
mA
IZK
Regulator current at maximum limit of
1
VZ = VI(ref)
50
mA
IZK
g
regulation range
2
VZ = 5 V to 30 V,
See Note 4
100
mA
rz
Differential regulator resistance (see Note 5)
1
VZ = VI(ref), . . .
∆IZ = (52 – 2) mA
1.5
3
W
VZ = 3 V
50
Vn
Noise voltage
2
f = 0.1 Hz to 10 Hz
VZ = 12 V
200
µV
VZ = 30 V
650
NOTES:
4. The average power dissipation, VZ • IZ • duty cycle, must not exceed the maximum continuous rating in any 10-ms interval.
5. The regulator resistance for VZ > VI(ref), rz, is given by:
rz + rz 1 )
R1
R2
PARAMETER MEASUREMENT INFORMATION
V
Z +
V
I(ref)
1
)
R1
R2
) I
I(ref)
R1
VI(ref)
Input
VZ
IZ
II(ref)
IZ
VZ
Input
VI(ref)
R1
R2
TL430
TL430
Figure 1. Test Circuit for VZ = VI(ref)
Figure 2. Test Circuit for VZ > VI(ref)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com