Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL499AP Datasheet(PDF) 7 Page - Texas Instruments

Part # TL499AP
Description  WIDE-RANGE POWER-SUPPLY CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL499AP Datasheet(HTML) 7 Page - Texas Instruments

  TL499AP Datasheet HTML 1Page - Texas Instruments TL499AP Datasheet HTML 2Page - Texas Instruments TL499AP Datasheet HTML 3Page - Texas Instruments TL499AP Datasheet HTML 4Page - Texas Instruments TL499AP Datasheet HTML 5Page - Texas Instruments TL499AP Datasheet HTML 6Page - Texas Instruments TL499AP Datasheet HTML 7Page - Texas Instruments TL499AP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TL499A
WIDE-RANGE POWER-SUPPLY CONTROLLERS
SLVS029F – JANUARY 1984 – REVISED MAY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 4. Maximum Output Current vs Input and Output Voltages
for Step-Up Switching Regulator With RCL = 510 Ω
OUTPUT
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2)
(V)
OUTPUT
VOLTAGE
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
(V)
OUTPUT CURRENT
(mA)
30
30
50
25
25
40
75
20
40
55
90
15
15
20
55
70
100
12
10
15
25
35
65
80
100
10
10
20
25
30
40
70
85
9
10
10
10
15
20
25
35
45
75
100
6
15
20
20
25
30
35
50
60
5
20
20
25
30
35
45
55
70
Circuit of Figure 1, except:
4.5
20
25
30
35
40
50
65
90†
RCL = 510 Ω
3
35
35†
40†
50†
75†
CF = 330 µF
2.9
35†
35†
40†
55†
80†
CP = 0.1 µF
† The difference between the output and input voltage for these combinations is greater than the minimum
output-to-input differential-voltage specification at 70
°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 5. Maximum Output Current vs Input and Output Voltages
for Step-Up Switching Regulator With RCL = 1 kΩ
OUTPUT
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2)
(V)
OUTPUT
VOLTAGE
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
(V)
OUTPUT CURRENT
(mA)
30
35
25
35
50
20
35
60
15
10
30
45
65
12
20
40
45
85
10
15
25
40
55
9
10
10
15
25
30
45
60
6
10
10
10
15
20
20
30
35
5
10
10
15
20
20
25
35
40
Circuit of Figure 1, except:
4.5
15
15
15
20
25
30
40
45†
RCL = 1 kΩ
3
20
25†
25†
30†
35†
CF = 330 µF
2.9
20†
25†
25†
30†
45†
CP = 0.1 µF
† The difference between the output and input voltage for these combinations is greater than the minimum
output-to-input differential-voltage specification at 70
°C (1.2 V), but less than the minimum at 85°C (1.9 V).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com