Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL499AP Datasheet(PDF) 4 Page - Texas Instruments

Part # TL499AP
Description  WIDE-RANGE POWER-SUPPLY CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL499AP Datasheet(HTML) 4 Page - Texas Instruments

  TL499AP Datasheet HTML 1Page - Texas Instruments TL499AP Datasheet HTML 2Page - Texas Instruments TL499AP Datasheet HTML 3Page - Texas Instruments TL499AP Datasheet HTML 4Page - Texas Instruments TL499AP Datasheet HTML 5Page - Texas Instruments TL499AP Datasheet HTML 6Page - Texas Instruments TL499AP Datasheet HTML 7Page - Texas Instruments TL499AP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL499A
WIDE-RANGE POWER-SUPPLY CONTROLLERS
SLVS029F – JANUARY 1984 – REVISED MAY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TL499AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage deviation (see Note 5)
20
30
mV/V
Switching regulator
TA = –20°C to 70°C
1.2
Dropout voltage
Switching regulator
1.9
V
Series regulator
VI1 = 15 V,
IO = 50 mA
1.8
Reference voltage (internal)
VI2 = 5 V,
VO = 3 V,
IO = 1 mA
1.2
1.26
1.32
V
Reference-voltage change with temperature
5
10
mV/V
Output regulation (of reference voltage)
IO = 1 mA to 50 mA
10
30
mV/V
VI2 = 1.1 V, VO = 12 V,
RCL = 150 Ω,
TA = 25°C
10
Output current
Switching regulator
VI2 = 1.5 V, VO = 15 V,
RCL = 150 Ω,
TA = 25°C
15
mA
(see Figure 1)
VI2 = 6 V,
VO = 30 V,
RCL = 150 Ω,
TA = 25°C
65
mA
Series regulator
100
Standby current
Switching regulator
VI2 = 3 V,
VO = 9 V,
TA = 25°C
15
80
µA
Standby current
Series regulator
VI1 = 15 V,
VO = 9 V,
RE2 = 4.7 kΩ
0.8
1.2
mA
NOTE 5: Voltage deviation is the output voltage difference that occurs in a change from series regulation to switching regulation:
Voltage deviation
+ V
O series regulation * VO switching regulation
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TL499AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage deviation (see Note 5)
20
30
mV/V
Switching regulator
TA = –20°C to 70°C
1.2
Dropout voltage
Switching regulator
TA = –20°C to 85°C
1.9
V
Series regulator
VI1 = 15 V,
IO = 50 mA
1.8
Reference voltage (internal)
VI2 = 5 V,
VO = 3 V,
IO = 1 mA
1.2
1.26
1.32
V
Reference-voltage change with temperature
TA = –20°C to 85°C
5
10
mV/V
Output regulation (of reference voltage)
IO = 1 mA to 50 mA
10
30
mV/V
VI2 = 1.1 V,
VO = 12 V,
RCL = 150 Ω
10
Output current
Switching regulator
VI2 = 1.5 V,
VO = 15 V,
RCL = 150 Ω
15
mA
(see Figure 1)
VI2 = 6 V,
VO = 30 V,
RCL = 150 Ω
65
mA
Series regulator
100
Standby current
Switching regulator
VI2 = 3 V,
VO = 9 V
15
80
µA
Standby current
Series regulator
VI1 = 15 V,
VO = 9 V,
RE2 = 4.7 kΩ
0.8
1.2
mA
NOTE 5: Voltage deviation is the output voltage difference that occurs in a change from series regulation to switching regulation:
Voltage deviation
+ V
O series regulation * VO switching regulation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com