Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL499AY Datasheet(PDF) 1 Page - Texas Instruments

Part # TL499AY
Description  WIDE-RANGE POWER-SUPPLY CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL499AY Datasheet(HTML) 1 Page - Texas Instruments

  TL499AY Datasheet HTML 1Page - Texas Instruments TL499AY Datasheet HTML 2Page - Texas Instruments TL499AY Datasheet HTML 3Page - Texas Instruments TL499AY Datasheet HTML 4Page - Texas Instruments TL499AY Datasheet HTML 5Page - Texas Instruments TL499AY Datasheet HTML 6Page - Texas Instruments TL499AY Datasheet HTML 7Page - Texas Instruments TL499AY Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL499A
WIDE-RANGE POWER-SUPPLY CONTROLLERS
SLVS029F – JANUARY 1984 – REVISED MAY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Internal Series-Pass and Step-Up Switching
Regulator
D Output Adjustable From 2.9 V to 30 V
D 1-V to 10-V Input for Switching Regulator
D 4.5-V to 32-V Input for Series Regulator
D Externally Controlled Switching Current
D No External Rectifier Required
description
The TL499A is an integrated circuit designed to provide a wide range of adjustable regulated supply voltages.
The regulated output voltage can be varied from 2.9 V to 30 V by adjusting two external resistors. When the
TL499A is ac-coupled to line power through a step-down transformer, it operates as a series dc voltage regulator
to maintain the regulated output voltage. With the addition of a battery from 1.1 V to 10 V, an inductor, a filter
capacitor, and two resistors, the TL499A operates as a step-up switching regulator during an ac-line failure.
The adjustable regulated output voltage makes the TL499A useful for a wide range of applications. Providing
backup power during an ac-line failure makes the TL499A extremely useful in microprocessor memory
applications.
The TL499AC is characterized for operation from –20
°C to 85°C.
AVAILABLE OPTIONS
TA
PLASTIC DIP
(P)
PLASTIC
SMALL-OUTLINE
(PS)
CHIP FORM
(Y)
–20
°C to 85°C
TL499ACP
TL499ACPS
TL499AY
The PS package is available taped and reeled. Add the suffix R to device
type (e.g., TL499ACPSR). Chip forms are tested at 25
°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
SERIES IN1
REF
SW REG IN2
SW CURRENT CTRL
OUTPUT
GND (PWR)
SW IN
GND
P OR PS PACKAGE
(TOP VIEW)


Similar Part No. - TL499AY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
TL499A TI2-TL499A Datasheet
401Kb / 19P
TL499A Wide-Range Power-Supply Controllers
REVISED NOVEMBER 2015
TL499ACP TI-TL499ACP Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI1-TL499ACP Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
More results

Similar Description - TL499AY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
60W WIDE-RANGE POWER SUPPLY
Jan-2004
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
Wide power supply voltage range
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com