Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL780 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780 Datasheet(HTML) 3 Page - Texas Instruments

  TL780 Datasheet HTML 1Page - Texas Instruments TL780 Datasheet HTML 2Page - Texas Instruments TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055F – APRIL 1981 – REVISED DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating temperature range (unless otherwise noted)†
Input voltage, VI
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): KC package
22
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
KTE package
23
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air, TA; case, TC; or virtual junction, TJ, temperature range
0
°C to 150°C
. . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability. Due to
variations in individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be
activated at power levels slightly above or below the rated dissipation.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
MAX
UNIT
TL780-05C
7
25
Input voltage, VI
TL780-12C
14.5
30
V
TL780-15C
17.5
30
Output current, IO
1.5
A
Operating virtual junction temperature, TJ
0
125
°C
electrical characteristics at specified virtual junction temperature, VI = 10 V, IO = 500 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T ‡
TL780-05C
UNIT
PARAMETER
TEST CONDITIONS
TJ‡
MIN
TYP
MAX
UNIT
Output voltage
IO = 5 mA to 1 A,
P
≤ 15 W,
25
°C
4.95
5
5.05
V
Output voltage
O
,
VI = 7 V to 20 V
,
0
°C to 125°C
4.9
5.1
V
Input voltage regulation
VI = 7 V to 25 V
25
°C
0.5
5
mV
Input voltage regulation
VI = 8 V to 12 V
25
°C
0.5
5
mV
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
0
°C to 125°C
70
85
dB
Output voltage regulation
IO = 5 mA to 1.5 A
25
°C
4
25
mV
Output voltage regulation
IO = 250 mA to 750 mA
25
°C
1.5
15
mV
Output resistance
f = 1 kHz
0
°C to 125°C
0.0035
W
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
0.25
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
75
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Input bias current
25
°C
5
8
mA
Input bias current change
VI = 7 V to 25 V
0
°Cto125°C
0.7
1.3
mA
Input bias-current change
IO = 5 mA to 1 A
0
°C to 125°C
0.003
0.5
mA
Short-circuit output current
25
°C
750
mA
Peak output current
25
°C
2.2
A
‡ Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into
account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.22-µF capacitor across the output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com