Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL780 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780 Datasheet(HTML) 4 Page - Texas Instruments

  TL780 Datasheet HTML 1Page - Texas Instruments TL780 Datasheet HTML 2Page - Texas Instruments TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055F – APRIL 1981 – REVISED DECEMBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 19 V, IO = 500 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TL780-12C
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
UNIT
Output voltage
IO = 5 mA to 1 A,
P
≤ 15 W,
25
°C
11.88
12
12.12
V
Output voltage
O
,
VI = 14.5 V to 27 V
,
0
°C to 125°C
11.76
12.24
V
Input voltage regulation
VI = 14.5 V to 30 V
25
°C
1.2
12
mV
Input voltage regulation
VI = 16 V to 22 V
25
°C
1.2
12
mV
Ripple rejection
VI = 15 V to 25 V,
f = 120 Hz
0
°C to 125°C
65
80
dB
Output voltage regulation
IO = 5 mA to 1.5 A
25
°C
6.5
60
mV
Output voltage regulation
IO = 250 mA to 750 mA
25
°C
2.5
36
mV
Output resistance
f = 1 kHz
0
°C to 125°C
0.0035
W
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
0.6
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
180
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Input bias current
25
°C
5.5
8
mA
Input bias current change
VI = 14.5 V to 30 V
0
°Cto125°C
0.4
1.3
mA
Input bias-current change
IO = 5 mA to 1 A
0
°C to 125°C
0.03
0.5
mA
Short-circuit output current
25
°C
350
mA
Peak output current
25
°C
2.2
A
† Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into
account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.22-µF capacitor across the output.
electrical characteristics at specified virtual junction temperature, VI = 23 V, IO = 500 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TL780-15C
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
UNIT
Output voltage
IO = 5 mA to 1 A,
P
≤ 15 W,
25
°C
14.85
15
15.15
V
Output voltage
VI = 17.5 V to 30 V
0
°C to 125°C
14.7
15.3
V
Input voltage regulation
VI = 17.5 V to 30 V
25
°C
1.5
15
mV
Input voltage regulation
VI = 20 V to 26 V
25
°C
1.5
15
mV
Ripple rejection
VI = 18.5 V to 28.5 V,
f = 120 Hz
0
°C to 125°C
60
75
dB
Output voltage regulation
IO = 5 mA to 1.5 A
25
°C
7
75
mV
Output voltage regulation
IO = 250 mA to 750 mA
25
°C
2.5
45
mV
Output resistance
f = 1 kHz
0
°C to 125°C
0.0035
W
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
0.62
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
225
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Input bias current
25
°C
5.5
8
mA
Input bias current change
VI = 17.5 V to 30 V
0
°Cto125°C
0.4
1.3
mA
Input bias-current change
IO = 5 mA to 1 A
0
°C to 125°C
0.02
0.5
mA
Short-circuit output current
25
°C
230
mA
Peak output current
25
°C
2.2
A
† Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into
account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.22-µF capacitor across the output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com