Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7757CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL7757CD
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7757CD Datasheet(HTML) 5 Page - Texas Instruments

  TL7757CD Datasheet HTML 1Page - Texas Instruments TL7757CD Datasheet HTML 2Page - Texas Instruments TL7757CD Datasheet HTML 3Page - Texas Instruments TL7757CD Datasheet HTML 4Page - Texas Instruments TL7757CD Datasheet HTML 5Page - Texas Instruments TL7757CD Datasheet HTML 6Page - Texas Instruments TL7757CD Datasheet HTML 7Page - Texas Instruments TL7757CD Datasheet HTML 8Page - Texas Instruments TL7757CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041E – SEPTEMBER 1991 – REVISED JULY 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C
PARAMETER
TEST CONDITIONS
TL7757Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT –
Negative-going input threshold voltage at VCC
4.55
V
Vhys†
Hysteresis at VCC
50
mV
VOL
Low-level output voltage
IOL = 20 mA, VCC = 4.3 V
0.4
V
IOH
High-level output current
VCC = 7 V,
VOH = 15 V, See Figure 1
µA
Vres‡
Power-up reset voltage
RL = 2.2 kΩ,
VCC slew rate ≤ 5 V/µs
0.8
V
ICC
Supply current
VCC = 4.3 V
1400
µA
ICC
Supply current
VCC = 5.5 V
µA
† This is the difference between positive-going input threshold voltage, VIT+, and negative-going input threshold voltage, VIT–.
‡ This is the lowest voltage at which RESET becomes active.
switching characteristics at TA = 25°C
PARAMETER
TEST CONDITIONS
TL7757Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
VCC slew rate ≤ 5 V/µs,
See Figures 2 and 3
3.4
µs
tPHL
Propagation delay time, high-to-low-level output
See Figures 2 and 3
2
µs
tr
Rise time
VCC slew rate ≤ 5 V/µs,
See Figures 2 and 3
0.4
µs
tf
Fall time
See Figures 2 and 3
0.05
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com