Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7757CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL7757CD
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7757CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL7757CD Datasheet HTML 3Page - Texas Instruments TL7757CD Datasheet HTML 4Page - Texas Instruments TL7757CD Datasheet HTML 5Page - Texas Instruments TL7757CD Datasheet HTML 6Page - Texas Instruments TL7757CD Datasheet HTML 7Page - Texas Instruments TL7757CD Datasheet HTML 8Page - Texas Instruments TL7757CD Datasheet HTML 9Page - Texas Instruments TL7757CD Datasheet HTML 10Page - Texas Instruments TL7757CD Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041E – SEPTEMBER 1991 – REVISED JULY 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Table of Graphs
FIGURE
VCC
Supply voltage vs RESET output voltage
4
ICC
Supply current vs Supply voltage
5
ICC
Supply current vs Free-air temperature
6
VOL
Low-level output voltage vs Low-level output
current
7
VOL
Low-level output voltage vs Free-air temperature
8
IOL
Output current vs Supply voltage
9
VIT –
Input threshold voltage (negative-going VCC) vs Free-air
temperature
10
Vres
Power-up reset voltage vs Free-air temperature
11
Vres
Power-up reset voltage and supply voltage vs Time
12
Propagation delay time
13
Figure 4
3
2
1
0
01
23
4
5
4
5
SUPPLY VOLTAGE
vs
RESET OUTPUT VOLTAGE
6
67
7
8
TA = 25°C
IO = 0
RESET Output Voltage – V
Figure 5
1
0.5
0
01
2
3
4
1.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
2
56
7
TA = 25°C
IO = 0
VCC – Supply Voltage – V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com