Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFMS22ADE00225 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMS22ADE00225
Description  Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS22ADE00225 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMS22ADE00225 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS22ADE00225 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Compliance
Performance Specificationns
Notes:
1) 23°C over operating wavelength range and all SOP.
2) Excluding connectors.
3) P2 package option is for pigtail fiber with 900 μm
loose tube.
Parameters
Min
Typ.
Max
Unit
Operating Wavelength Range (λ
Op)
1260 ~ 1360 and/or 1510 ~ 1610
nm
Insertion Loss 1, 2
Single Win-
dow
1x1, 1x2
< 0.5
dB
2x2AD
< 0.6
Dual Window
< 0.8
Wavelength
Dependent Loss
(within each window)
Single Window
< 0.15
dB
Dual Window
< 0.25
Temperature Dependent Loss
< 0.2
dB
Polarization Dependent Loss
< 0.1
dB
Return Loss 2
> 55
dB
Channel Cross-talk
> 60
dB
Repeatability
±0.02
dB
Switching Speed
< 10
ms
Operating Current
Latching
75
115
mA
Non-latching
28
43
Operating Voltage
Latching
3.5
4.5
VDC
Non-latching
4.5
5.5
Durability
10 7
cycle
Operating Power Handling
500
mW
Operating Temperature (T
Op)
0
70
°C
Storage Temperature
-40
80
°C
Switch Relay Type
Latching or Non-latching
Fiber Type
Corning SMF-28
Dimension 3
Bare Fiber Pigtail
P1: 41.5 (L) x 15.5 (W) x 9.0 (H)
mm
900μm Loose Tube Pigtail
P2: 44 (L) x 15.5 (W) x 9.0 (H)
mm
R03.20090528
OFMS Series Single Mode 1x1, 1x2 and
2x2 Add/Drop Optical Fiber Switches
OFMSSM Series
Oplink’s OFMS series optical fiber switches offer industry leading performance
specifications with Telcordia compliant reliability. These switches are designed
for use in re-configurable optical add/drop multiplexers, optical cross-connect
systems, and network switching for fault protection applications.
These patented opto-mechanical switches can be directly mounted on printed
circuit boards and feature less than 0.35dB typical insertion loss. Oplink’s unique
prism design improves the switch repeatability and stability. The OFMS switches
are GR-1221 and GR-1073 qualified.
Oplink provides customized design to meet special control and applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Telcordia qualified
1x1, 1x2 and 2x2 (Add/Drop)
Compact Size
Low Insertion Loss
Seam-seal Package
Latching or Non-latching Configurations
Highly Stable & Reliable
Network Switching
Configurable Add/Drop
Network Protection and Restoration
Instrumentation, Testing and
Measurement
Telcordia GR-1221 and GR-1073


Similar Part No. - OFMS22ADE00225

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS22AM300 OPLINK-OFMS22AM300 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS22AM301 OPLINK-OFMS22AM301 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS22AM310 OPLINK-OFMS22AM310 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS22AM311 OPLINK-OFMS22AM311 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS22AM800 OPLINK-OFMS22AM800 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
More results

Similar Description - OFMS22ADE00225

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS110M800 OPLINK-OFMS110M800 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS11MI80M21 OPLINK-OFMS11MI80M21 Datasheet
305Kb / 2P
Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMSD12M80011 OPLINK-OFMSD12M80011 Datasheet
300Kb / 2P
Multi-mode Dual 1x2 or 2x2 Add/Drop Optical Fiber Switches
OFMS11MUD0 OPLINK-OFMS11MUD0 Datasheet
319Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS12DUD0 OPLINK-OFMS12DUD0 Datasheet
306Kb / 2P
Single Mode Dual Add/Drop Optical Fiber Switches
OFMSFULL-2X2 OPLINK-OFMSFULL-2X2 Datasheet
222Kb / 2P
2x2 Optical Fiber Switches
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
Add/Drop Optical Fiber Switches
OFMS12MIE02111 OPLINK-OFMS12MIE02111 Datasheet
193Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
OFMS22MIE02111 OPLINK-OFMS22MIE02111 Datasheet
193Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com